Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2139 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2139
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2139 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2139 Datasheet HTML 1Page - Diodes Incorporated AP2139 Datasheet HTML 2Page - Diodes Incorporated AP2139 Datasheet HTML 3Page - Diodes Incorporated AP2139 Datasheet HTML 4Page - Diodes Incorporated AP2139 Datasheet HTML 5Page - Diodes Incorporated AP2139 Datasheet HTML 6Page - Diodes Incorporated AP2139 Datasheet HTML 7Page - Diodes Incorporated AP2139 Datasheet HTML 8Page - Diodes Incorporated AP2139 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
2 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
Pin Assignments (continued)
(Top View)
(Top View)
(Top View)
SOT-89 (Option 2)/ R Package
SOT-89 (Option 1)/ RA Package
SOT-89 (Option 2)/ RA Package
Typical Applications Circuit (Note 4)
Note 4:
Filter capacitors are required at the AP2138/2139's input and output. 1µF capacitor is required at the input. The minimum output capacitance required for
stability should be more than 1µF with ESR from 0.01
Ω to 100Ω. Ceramic capacitors are recommended.
VIN
VOUT
GND
1
2
3
VIN
VOUT
GND
1
2
3
VIN
VOUT
GND
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com