Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6281G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6281G Datasheet HTML 1Page - Infineon Technologies AG TLE6281G Datasheet HTML 2Page - Infineon Technologies AG TLE6281G Datasheet HTML 3Page - Infineon Technologies AG TLE6281G Datasheet HTML 4Page - Infineon Technologies AG TLE6281G Datasheet HTML 5Page - Infineon Technologies AG TLE6281G Datasheet HTML 6Page - Infineon Technologies AG TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
5
Rev 2.2 2006-01-30
Max. voltage range at DHx
2
VDHx
-4
75
V
Max. voltage range at GHx
3
VGHx
-6.8
86
V
Max. voltage range at SHx
3
VSHx
-6.8
75
V
Max. voltage range at GLx
VGHx
-2
12
V
Max. voltage range at SLx
VSLx
-2
6
V
Max. voltage difference BHx – SHx
VBHx-VSHx
-0.3
12
V
Max. voltage difference Gxx – Sxx
VGxx-VSxx
-0.3
11
V
PWM frequency
FPWM
0
50
kHz
Minimum on time external lowside switch – static con-
dition @ 20 kHz; QGate = 200nC
tp(min)
2µs
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40…150°C, unless otherwise specified
and supply voltage range VS = 7.5 … 60V; fPWM = 20kHz
min
typ
max
Static Characteristics
Low level output voltage (VGSxx) @ I=10mA
∆VLL
--
60
150
mV
High level output voltage (VGSxx) @ I=-10mA
∆VHL
8
10
11
V
Supply current at VS (device disabled)
@ Vbat= VS =14V RDT=400k
Ω
IVS(dis)14V
--
4
8
mA
Supply current at VS (device disabled)
@ Vbat= VS =42V RDT=400k
Ω
IVS(dis)42V
--
4
8
mA
Quiescent current at VS (device inhibited)
@ Vbat= VS =14V RDT=400k
Ω RB=12kΩ
IVS(inh)14V
--
0.6
1.5
mA
Quiescent current at VS (device inhibited)
@ Vbat= VS =42V RDT=400k
Ω RB=12kΩ
IVS(inh)42V
--
0.6
1.5
mA
Supply current at VS @ Vbat= VS =14V,
fPWM = 20kHz (Outputs open)
IVS(open)14V
--
7
15
mA
Supply current at VS @ Vbat= VS =14V,
fPWM = 50kHz (Outputs open)
IVS(open)14V
--
7
15
mA
Supply current at VS @ Vbat= VS =42V,
fPWM = 20kHz (Outputs open)
IVS(open)42V
--
7
15
mA
Low level input voltage
VIN(LL)
--
--
1.0
V
High level input voltage
VIN(HL)
2.0
--
--
V
Input hysteresis
∆VIN
100
170
mV
Inhibit trip level
VINH
1.3
2
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com