Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6281G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG TLE6281G Datasheet HTML 10Page - Infineon Technologies AG TLE6281G Datasheet HTML 11Page - Infineon Technologies AG TLE6281G Datasheet HTML 12Page - Infineon Technologies AG TLE6281G Datasheet HTML 13Page - Infineon Technologies AG TLE6281G Datasheet HTML 14Page - Infineon Technologies AG TLE6281G Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
11
Rev 2.2 2006-01-30
BHx
GHx
i
Gxx(on)
i
Gxx(on)
i
Gxx(off)
i
Gxx(off)
V
PWM_HS
i
GHx
i
GHx
850 mA Peak
580 mA Peak
Test Conditions :
- Turn On : V
GS = 0V, Tj = 25
oC
- Turn Off : V
GS = 10V, Tj = 25
oC
This figure represents the simplified internal
circuit of one high side gate drive. The drive
circuit for the low sides looks similar.
Motor
V
s
TLE6281G
High Side Driver
This figure illustrates typical voltage and
current waveforms of the high side gate drive;
the associated waveforms of the low side
drives look similar.
Logic
+
Level
Shift
+
V
GS
limit
+
Under
voltage
V
PWM_HS
C
B
DHx
SCD
SHx
Gate Drive characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com