Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6281G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6281G Datasheet HTML 1Page - Infineon Technologies AG TLE6281G Datasheet HTML 2Page - Infineon Technologies AG TLE6281G Datasheet HTML 3Page - Infineon Technologies AG TLE6281G Datasheet HTML 4Page - Infineon Technologies AG TLE6281G Datasheet HTML 5Page - Infineon Technologies AG TLE6281G Datasheet HTML 6Page - Infineon Technologies AG TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
1
Rev 2.2 2006-01-30
Input control
Dead time
Undervoltage
Short circuit
Detect.
Overtemp. warning
T
j > 170
oC typ.
INH
Charge
Pump
Level
Shift
Floating LS Driver 1
+
V
GS limitation LS1
+
Short circuit
detect.
+
Undervoltage
Linear
Regulator
Undervoltage HSx
Undervoltage LSx
HS1
LS2
HS2
LS1
V
S
GND
INH
PWM
DT/DIS
DIR
ER2
ER1
BH1
BH2
SH1
GH1
DH1
GH2
DH2
GL1
SH2
GL2
SL1
SL2
Floating LS Driver 2
+
V
GS limitation LS2
+
Short circuit
detect.
+
Undervoltage
Floating HS Driver 2
+
V
GS limitation HS2
+
Short circuit
detect.
+
Undervoltage
Floating HS Driver 1
+
V
GS limitation HS1
+
Short circuit
detect.
+
Undervoltage
SCD
SCD
SCD
SCD
Short Circuit Detection
OR
H-Bridge Driver IC
Features
• Compatible to very low ohmic normal
level input N-Channel MOSFETs
• PWM – DIR - Interface
• PWM frequency up to 50kHz
• Operates down to 7.5V
supply voltage
• Low EMC sensitivity and emission
• Adjustable dead time with shoot through protection
• Deactivation of dead time and shoot through protection possible
• Short circuit protection for each Mosfet
• Driver undervoltage shut down
• Reverse polarity protection for the driver IC
• Fast disable function / Inhibit for low quiescent current
• Input with TTL characteristics
• 2 bit diagnosis
• Thermal overload warning for driver IC
• Shoot through protection
• Integrated bootstrap diodes
Application
• Dedicated for DC-brush high current motor bridges in PWM control mode for 12, 24 and 42V powernet applica-
tions.
• The input structure allows an easy control of a DC-brush motor
General Description
H-bridge driver IC for MOSFET power stages with multiple protection functions
Block Diagram
Product Summary
Turn on current
IGxx(on)
850
mA
Turn off current
IGxx(off)
580
mA
Supply voltage range
VVs
7.5 … 60
V
Gate Voltage
VGS
10
V
Temperature range
TJ
-40...+150
°C
P-DSO-20


Similar Part No. - TLE6281G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
More results

Similar Description - TLE6281G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
DUAL H-BRIDGE DRIVER IC
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
H-Bridge Gate Driver IC
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
Dual H-Bridge Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
TC78H660FTG TOSHIBA-TC78H660FTG Datasheet
513Kb / 26P
Dual H Bridge driver IC
2020-07-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com