Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6281G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG TLE6281G Datasheet HTML 10Page - Infineon Technologies AG TLE6281G Datasheet HTML 11Page - Infineon Technologies AG TLE6281G Datasheet HTML 12Page - Infineon Technologies AG TLE6281G Datasheet HTML 13Page - Infineon Technologies AG TLE6281G Datasheet HTML 14Page - Infineon Technologies AG TLE6281G Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
12
Rev 2.2 2006-01-30
Truth Table
Input
Conditions
Output driver IC
Output
Bridge
DIR PWM DT / DIS
UV
OT
SC
GH
1
GL
1
GH
2
GL
2
ER
1
ER
2
Out1 Out2
0
1
<3.5V
0
0
0
1
0
0
1
5V
5V
1
0
0
0
<3.5V
0
0
0
1
0
1
0
5V
5V
1
1
1
1
<3.5V
0
0
0
0
1
1
0
5V
5V
0
1
1
0
<3.5V
0
0
0
1
0
1
0
5V
5V
1
1
0
1
<3.5V
1
0
0
B
0
0
B
C
D
1
A
0
A
0
0
<3.5V
1
0
0
B
0
B
0
C
D
1
A
1
A
1
1
<3.5V
1
0
0
0
B
B
0
C
D
0
A
1
A
1
0
<3.5V
1
0
0
B
0
B
0
C
D
1
A
1
A
0
1
<3.5V
0
1
0
1
0
0
1
5V
0V
1
0
0
0
<3.5V
0
1
0
1
0
1
0
5V
0V
1
1
1
1
<3.5V
0
1
0
0
1
1
0
5V
0V
0
1
1
0
<3.5V
0
1
0
1
0
1
0
5V
0V
1
1
0
1
<3.5V
0
0
1
E
0
0
E
F
5V
1
A
0
A
0
0
<3.5V
0
0
1
E
0
E
0
F
5V
1
A
1
A
1
1
<3.5V
0
0
1
0
E
E
0
F
5V
0
A
1
A
1
0
<3.5V
0
0
1
E
0
E
0
F
5V
1
A
1
A
X
X
X
X
X
X
0
0
0
0
5V
5V
T
T
X
X
>4V
X
X
X
0
0
0
0
5V
5V
T
T
A) Tristate when affected by undervoltage shut down or short circuit
B) 0 when affected; 1 when not affected; self recovery
C) 0V when output does not correspond to input patterns; 5V when output corresponds to
input patterns
D) Is an output affected by undervoltage ER2 is 0V
E) 0 when affected– the outputs of the affected halfbridge are shut down and stay latched
until reset; 1 when not affected
F) 0V when output does not correspond to input patterns – the outputs of the affected half-
bridge are shut down and stay latched until reset; 5V when output corresponds to input
patterns.
T) Tristate
X) Condition has no influence
Remark: To generate fast decay control mode, set PWM to 1 and send pwm-pattern to DIR
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com