Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3489 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3489 Datasheet HTML 1Page - National Semiconductor (TI) LM3489 Datasheet HTML 2Page - National Semiconductor (TI) LM3489 Datasheet HTML 3Page - National Semiconductor (TI) LM3489 Datasheet HTML 4Page - National Semiconductor (TI) LM3489 Datasheet HTML 5Page - National Semiconductor (TI) LM3489 Datasheet HTML 6Page - National Semiconductor (TI) LM3489 Datasheet HTML 7Page - National Semiconductor (TI) LM3489 Datasheet HTML 8Page - National Semiconductor (TI) LM3489 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagram
Top View
20186909
8 Lead Plastic MSOP-8
NS package Number MUA08A
Package Marking and Ordering Information
Order Number
Package Type
Package Marking
Supplied As:
LM3489MM
MSOP-8
SKSB
1000 units on Tape and Reel
LM3489MMX
MSOP-8
SKSB
3500 units on Tape and Reel
Pin Descriptions
Pin #
Name
Description
1
ISENSE
The current sense input pin. This pin should be connected to the PFET drain
terminal directly or through a series resistor up to 600 ohm for 28V>Vin>35V.
2
GND
Signal ground.
3
EN
Enable pin. Connect EN pin to ground to shutdown the part or float to enable
operation (Internally pulled high). This pin can also be used to perform UVLO
function.
4
FB
The feedback input. Connect the FB to a resistor voltage divider between the
output and GND for an adjustable output voltage.
5
ADJ
Current limit threshold adjustment. Connected to an internal 5.5µA current source.
A resistor is connected between this pin and VIN. The voltage across this resistor
is compared with the ISENSE pin voltage to determine if an over-current condition
has occurred.
6
PGND
Power ground.
7
PGATE
Gate Drive output for the external PFET. PGATE swings between VIN and VIN-5V.
8
VIN
Power supply input pin.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com