Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3489 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3489 Datasheet HTML 5Page - National Semiconductor (TI) LM3489 Datasheet HTML 6Page - National Semiconductor (TI) LM3489 Datasheet HTML 7Page - National Semiconductor (TI) LM3489 Datasheet HTML 8Page - National Semiconductor (TI) LM3489 Datasheet HTML 9Page - National Semiconductor (TI) LM3489 Datasheet HTML 10Page - National Semiconductor (TI) LM3489 Datasheet HTML 11Page - National Semiconductor (TI) LM3489 Datasheet HTML 12Page - National Semiconductor (TI) LM3489 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Simplified Functional Block Diagram
20186938
Functional Description
OVERVIEW
The LM3489 is a buck (step-down) DC-DC controller that
uses a hysteretic control scheme. The control comparator is
designed with approximately 10mV of hysteresis. In re-
sponse to the voltage at the FB pin, the gate drive (PGATE
pin) turns the external PFET on or off. When the inductor
current is too high, the current limit protection circuit en-
gages and turns the PFET off for approximately 9µs.
Hysteretic control does not require an internal oscillator.
Switching frequency depends on the external components
and operating conditions. The operating frequency reduces
at light loads resulting in excellent efficiency compared to
other architectures.
The output voltage can be programmed by two external
resistors. The output can be set in a wide range from 1.239V
(typical) to V
IN.
HYSTERETIC CONTROL CIRCUIT
When the FB input to the control comparator falls below the
reference voltage (1.239V), the output of the comparator
switches to a low state. This results in the driver output,
PGATE, pulling the gate of the PFET low and turning on the
PFET. With the PFET on, the input supply charges C
OUT and
supplies current to the load via the series path through the
PFET and the inductor. Current through the Inductor ramps
up linearly and the output voltage increases. As the FB
voltage reaches the upper threshold, which is the internal
reference voltage plus 10mV, the output of the comparator
changes from low to high, and the PGATE responds by
turning the PFET off. As the PFET turns off, the inductor
voltage reverses, the catch diode turns on, and the current
through the inductor ramps down. Then, as the output volt-
age reaches the internal reference voltage again, the next
cycle starts.
The LM3489 operates in discontinuous conduction mode at
light load current or continuous conduction mode at heavy
load current. In discontinuous conduction mode, current
through the inductor starts at zero and ramps up to the peak,
then ramps down to zero. The next cycle starts when the FB
voltage reaches the reference voltage. Until then, the induc-
tor current remains zero and the output capacitor supplies
the load. The operating frequency is lower and switching
losses reduced. In continuous conduction mode, current
always flows through the inductor and never ramps down to
zero.
The output voltage (V
OUT) can be programmed by 2 external
resistors. It can be calculated as follows:
V
OUT = 1.239 x (R1 + R2) / R2
20186923
FIGURE 1. Hysteretic Window
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com