Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3489 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3489 Datasheet HTML 7Page - National Semiconductor (TI) LM3489 Datasheet HTML 8Page - National Semiconductor (TI) LM3489 Datasheet HTML 9Page - National Semiconductor (TI) LM3489 Datasheet HTML 10Page - National Semiconductor (TI) LM3489 Datasheet HTML 11Page - National Semiconductor (TI) LM3489 Datasheet HTML 12Page - National Semiconductor (TI) LM3489 Datasheet HTML 13Page - National Semiconductor (TI) LM3489 Datasheet HTML 14Page - National Semiconductor (TI) LM3489 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Functional Description (Continued)
where V
EN
is the enable rising threshold voltage and
V
EN_HYST is the enable threshold hysteresis.
Design Information
Hysteretic control is a simple control scheme. However the
operating frequency and other performance characteristics
highly depend on external conditions and components. If
either the inductance, output capacitance, ESR, V
IN,orCff is
changed, there will be a change in the operating frequency
and output ripple. The best approach is to determine what
operating frequency is desirable in the application and then
begin with the selection of the inductor and C
OUT ESR.
INDUCTOR SELECTION (L)
The important parameters for the inductor are the induc-
tance and the current rating. The LM3489 operates over a
wide frequency range and can use a wide range of induc-
tance values. A rule of thumb is to use the equations used for
National’s Simple Switchers
®. The equation for inductor
ripple (
∆i) as a function of output current (I
OUT) is:
for I
out < 2.0Amps
∆i ≤ I
out xIout
−0.366726
for I
out > 2.0Amps
∆i ≤ I
out x 0.3
The inductance can be calculated based upon the desired
operating frequency where:
And
where D is the duty cycle, V
D is the diode forward voltage,
and V
DS is the voltgae drop across the PFET.
The inductor should be rated to the following:
The inductance value and the resulting ripple is one of the
key parameters controlling operating frequency. The second
is the inductor ESR that contribute to the steady state power
loss due to current flowing through the inductor.
OUTPUT CAPACITOR SELECTION (C
OUT)
The ESR of the output capacitor times the inductor ripple
current is equal to the output ripple of the regulator. How-
ever, the V
HYST sets the first order value of this ripple. As
ESR is increased with a given inductance, operating fre-
quency increases as well. If ESR is reduced then the oper-
ating frequency reduces.
The use of ceramic capacitors has become a common de-
sire of many power supply designers. However, ceramic
capacitors have a very low ESR resulting in a 90˚ phase shift
of the output voltage ripple. This results in low operating
frequency and increased output ripple. To fix this problem a
low value resistor should be added in series with the ceramic
output capacitor. Although counter intuitive, this combination
of a ceramic capacitor and external series resistance pro-
vides highly accurate control over the output voltage ripple.
Other types capacitor, such as Sanyo POS CAP and OS-
CON, Panasonic SP CAP, and Nichicon "NA" series, are
also recommended and may be used without additional
series resistance.
For all practical purposes, any type of output capacitor may
be used with proper circuit verification.
20186930
FIGURE 6. Adjustable UVLO
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com