Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3489 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3489 Datasheet HTML 1Page - National Semiconductor (TI) LM3489 Datasheet HTML 2Page - National Semiconductor (TI) LM3489 Datasheet HTML 3Page - National Semiconductor (TI) LM3489 Datasheet HTML 4Page - National Semiconductor (TI) LM3489 Datasheet HTML 5Page - National Semiconductor (TI) LM3489 Datasheet HTML 6Page - National Semiconductor (TI) LM3489 Datasheet HTML 7Page - National Semiconductor (TI) LM3489 Datasheet HTML 8Page - National Semiconductor (TI) LM3489 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3489
Hysteretic PFET Buck Controller with Enable Pin
General Description
The LM3489 is a high efficiency PFET switching regulator
controller that can be used to quickly and easily develop a
small, cost effective, switching buck regulator for a wide
range of applications. The hysteretic control architecture
provides for simple design without any control loop stability
concerns using a wide variety of external components. The
PFET architecture also allows for low component count as
well as ultra-low dropout, 100% duty cycle operation. An-
other benefit is high efficiency operation at light loads without
an increase in output ripple. A dedicated Enable Pin provides
a shutdown mode drawing only 7µA. Leaving the Enable Pin
unconnected defaults to on.
Current limit protection can be implemented by measuring
the voltage across the PFET’s R
DS(ON), thus eliminating the
need for a sense resistor. A sense resistor may be used to
improve current limit accuracy if desired. The cycle-by-cycle
current limit can be adjusted with a single resistor, ensuring
safe operation over a range of output currents.
Features
n
Easy to use control methodology
n
No control loop compensation required
n
Wide 4.5V to 35V input range
n
1.239V to V
IN adjustable output range
n
High efficiency 93%
n ±
1.3% (±2% over temp) internal reference
n
100% duty cycle operation
n
Maximum operation frequency > 1MHz
n
Current limit protection
n
Dedicated enable pin (on if unconnected)
n
Shutdown mode draws only 7µA supply current
n
MSOP-8
Applications
n
Set-Top Box
n
DSL/Cable Modem
n
PC/IA
n
Auto PC
n
TFT Monitor
n
Battery Powered Portable Applications
n
Distributed Power Systems
n
Always On Power
n
High Power LED Driver
Typical Application Circuit
20186908
May 2006
© 2006 National Semiconductor Corporation
DS201869
www.national.com


Similar Part No. - LM3489

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3489 NSC-LM3489 Datasheet
356Kb / 16P
Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1,020Kb / 23P
Hysteretic PFET Buck Controller with Enable Pin
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller With Enable Pin
LM3489 TI2-LM3489 Datasheet
852Kb / 28P
LM3489x Hysteretic PFET Buck Controller With Enable Pin
REVISED DECEMBER 2016
LM3489-Q1 TI-LM3489-Q1 Datasheet
1,022Kb / 25P
Hysteretic PFET Buck Controller With Enable Pin
More results

Similar Description - LM3489

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3489 TI1-LM3489_14 Datasheet
1,020Kb / 23P
Hysteretic PFET Buck Controller with Enable Pin
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
Hysteretic PFET Buck Controller With Enable Pin
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller With Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com