Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSU102
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102 Datasheet(HTML) 1 Page - STMicroelectronics

  TSU102 Datasheet HTML 1Page - STMicroelectronics TSU102 Datasheet HTML 2Page - STMicroelectronics TSU102 Datasheet HTML 3Page - STMicroelectronics TSU102 Datasheet HTML 4Page - STMicroelectronics TSU102 Datasheet HTML 5Page - STMicroelectronics TSU102 Datasheet HTML 6Page - STMicroelectronics TSU102 Datasheet HTML 7Page - STMicroelectronics TSU102 Datasheet HTML 8Page - STMicroelectronics TSU102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
•
AEC-Q100 qualified
•
Long mission profile
•
High temperature qualified 150 °C
•
Micro ampere current consumption: ICC = 1.7 µA typ. at 25 °C
•
Low offset voltage: 250 µV max. at 25 °C, 600 µV max. over full temperature
range (-40 to 150 °C)
•
Low noise over 0.1 to 10 Hz bandwidth: 3.9 µVpp
•
Low supply voltage: 1.5 V to 5.5 V
•
Rail-to-rail input and output
•
Gain bandwidth product: 23 kHz typ.
•
Low input bias current: 1 pA max. at 25 °C
•
High tolerance to ESD: 4 kV HBM
•
High accuracy without calibration
•
Tolerance to power supply transient drops
Applications
•
Battery management system: ultra-low power op amp detects when battery is
charging/discharging and wakes up CPU
•
Onboard chargers (OBC)
•
Wireless chargers
Description
The TSU111H operational amplifier (op amp) offers an ultralow power consumption of
1.7 µA typical and 2.4 µA maximum when supplied by 1.8 V.
The ultralow power consumption, the high accuracy of 250 µV max., and 23 kHz
gain bandwidth make the TSU111H ideal for sensor signal conditioning, battery
management systems, onboard (OBC) and wireless chargers.
Maturity status link
TSU111H
Related products
TSU101, TSU102
and TSU104
For further power
savings
TSZ121, TSZ122
and TSZ124
For increased
accuracy
High temperature (150 °C) and long mission profile automotive grade, high
accuracy (250 µV) 5 V CMOS operational amplifier
TSU111H
Datasheet
DS14162 - Rev 1 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSU102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSU102 STMICROELECTRONICS-TSU102 Datasheet
1Mb / 33P
Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
02-Jul-2013
TSU102IQ2T STMICROELECTRONICS-TSU102IQ2T Datasheet
1Mb / 33P
Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
02-Jul-2013
TSU102IST STMICROELECTRONICS-TSU102IST Datasheet
1Mb / 33P
Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
02-Jul-2013
TSU102IST STMICROELECTRONICS-TSU102IST Datasheet
1Mb / 5P
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022
More results

Similar Description - TSU102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSU111 STMICROELECTRONICS-TSU111 Datasheet
1Mb / 30P
Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
14-Nov-2016
TSV731 STMICROELECTRONICS-TSV731 Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
logo
Diodes Incorporated
ZXLD1371Q DIODES-ZXLD1371Q Datasheet
1Mb / 42P
AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
Rev 1
logo
Texas Instruments
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
STMicroelectronics
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSU112IY STMICROELECTRONICS-TSU112IY Datasheet
1Mb / 32P
Automotive grade, nanopower (920 nA), high accuracy (150 μV) 5 V CMOS operational amplifier
Rev 1 - March 2021
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
logo
Sensirion AG Switzerlan...
SHT4XA SENSIRION-SHT4XA Datasheet
832Kb / 18P
4th Generation, High-Accuracy, 16-bit, Automotive-Grade Relative Humidity and Temperature Sensor
Version 2 - July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com