Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU102 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSU102
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSU102 Datasheet HTML 6Page - STMicroelectronics TSU102 Datasheet HTML 7Page - STMicroelectronics TSU102 Datasheet HTML 8Page - STMicroelectronics TSU102 Datasheet HTML 9Page - STMicroelectronics TSU102 Datasheet HTML 10Page - STMicroelectronics TSU102 Datasheet HTML 11Page - STMicroelectronics TSU102 Datasheet HTML 12Page - STMicroelectronics TSU102 Datasheet HTML 13Page - STMicroelectronics TSU102 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
4
Typical performance characteristics
Figure 2. Supply current vs. supply voltage at low Vicm
Figure 3. Supply current vs. supply voltage at high Vicm
Figure 4. Supply current vs. supply voltage at mid Vicm
Figure 5. Supply current vs. common mode voltage at
1.8 V supply voltage
TSU111H
Typical performance characteristics
DS14162 - Rev 1
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com