Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU102 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSU102
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSU102 Datasheet HTML 9Page - STMicroelectronics TSU102 Datasheet HTML 10Page - STMicroelectronics TSU102 Datasheet HTML 11Page - STMicroelectronics TSU102 Datasheet HTML 12Page - STMicroelectronics TSU102 Datasheet HTML 13Page - STMicroelectronics TSU102 Datasheet HTML 14Page - STMicroelectronics TSU102 Datasheet HTML 15Page - STMicroelectronics TSU102 Datasheet HTML 16Page - STMicroelectronics TSU102 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Figure 18. Output saturation with a sine wave on the input
at F = 100 Hz
Figure 19. Output saturation with a sine wave on the input
at F = 500 Hz
Figure 20. Output saturation with a square wave on the
input at F = 100 Hz
Figure 21. Phase reversal free
Figure 22. Output swing vs. input signal frequency
Figure 23. Triangulation of a sine wave at f = 1 kHz
TSU111H
Typical performance characteristics
DS14162 - Rev 1
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com