Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSU102
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102 Datasheet(HTML) 4 Page - STMicroelectronics

  TSU102 Datasheet HTML 1Page - STMicroelectronics TSU102 Datasheet HTML 2Page - STMicroelectronics TSU102 Datasheet HTML 3Page - STMicroelectronics TSU102 Datasheet HTML 4Page - STMicroelectronics TSU102 Datasheet HTML 5Page - STMicroelectronics TSU102 Datasheet HTML 6Page - STMicroelectronics TSU102 Datasheet HTML 7Page - STMicroelectronics TSU102 Datasheet HTML 8Page - STMicroelectronics TSU102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
3
Electrical characteristics
Table 4. Electrical characteristics at (VCC+) = 1.8 V with (VCC-) = 0 V, Vicm = VCC/2, Tamb = 25 °C, and RL = 1 MΩ
connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
250
µV
-40 °C < T < 150 °C
600
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 25 °C
6
μV/°C
25 °C < T < 150 °C
3
Iio
Input offset current (1)
T = 25 °C
1
pA
Iib
Input bias current (1)
T = 25 °C
1
CMR
Common mode rejection ratio,
20 log (ΔVicm/ΔVio), Vicm = 0 to 1.8 V
T = 25 °C
74
102
dB
-40 °C < T < 150 °C
67
Avd
Large signal voltage gain,
Vout = 0.2 V to (VCC+) - 0.2 V
RL = 100 kΩ, T = 25 °C
95
126
R = 100 kΩ,
-40 °C < T < 150 °C
82
VOH
High-level output voltage, (drop from
VCC+), VID = 200 mV
RL = 10 kΩ, T = 25 °C
11
25
mV
R = 10 kΩ,
-40 °C < T < 150 °C
40
VOL
Low-level output voltage,
VID = - 200 mV
RL = 10 kΩ, T = 25 °C
9
25
RL = 10 kΩ,
-40 °C < T < 150 °C
40
Iout
Output sink current, Vout = VCC,
VΙD = - 200 mV
T = 25 °C
2.8
5
mA
-40 °C < T < 150 °C
1.5
Output source current, Vout = 0 V,
VΙD = 200 mV
T = 25 °C
2
4
-40 °C < T < 150 °C
1.5
ICC
Supply current (per channel), no load,
Vout = VCC/2
T = 25 °C
1.7
2.4
µA
-40 °C < T < 150 °C
2.6
-40 °C < T < 125 °C
2.5
AC performance
GBP
Gain bandwidth product
RL = 100 kΩ, CL = 60 pF
T = 25 °C
10
23
kHz
Φm
Phase margin RL = 1 MΩ, CL = 60 pF
79
degrees
GM
Gain margin
RL = 100 kΩ, CL = 60 pF
24
dB
SRp
Slew rate (10 % to 90 %)
RL = 1 MΩ, CL = 60 pF,
Vout = 0.3 V to (VCC+) - 0.3 V
T = 25 °C
1.4
3.5
V/ms
-40 °C < T < 150 °C
0.9
SRn
Slew rate (10 % to 90 %)
RL = 1 MΩ, CL = 60 pF,
Vout = 0.3 V to (VCC+) - 0.3 V
T = 25 °C
2.2
5.5
V/ms
-40 °C < T < 150 °C
1.1
en
Equivalent input noise voltage
f = 100 Hz
200
nV/√Hz
TSU111H
Electrical characteristics
DS14162 - Rev 1
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com