Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7348 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7348
Description  4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7348 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7348 Datasheet HTML 1Page - Diodes Incorporated AP7348 Datasheet HTML 2Page - Diodes Incorporated AP7348 Datasheet HTML 3Page - Diodes Incorporated AP7348 Datasheet HTML 4Page - Diodes Incorporated AP7348 Datasheet HTML 5Page - Diodes Incorporated AP7348 Datasheet HTML 6Page - Diodes Incorporated AP7348 Datasheet HTML 7Page - Diodes Incorporated AP7348 Datasheet HTML 8Page - Diodes Incorporated AP7348 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP7348
Document number: DS42124 Rev. 3 - 2
4 of 15
www.diodes.com
August 2020
© Diodes Incorporated
AP7348
Electrical Characteristics (@TA = +25°C, VDD = VEN = VOUT_MAX Channel +1.0V, CIN = 4.7µF, COUT = 1.0µF, IOUT = 1.0mA, unless
otherwise specified.)
Parameter
Condition
Min
Typ
Max
Unit
Input Voltage
TA = -40°C to +85°C
1.7
5.25
V
Output Voltage Accuracy (Note 6)
VOUT(T) ≥ 2.0V, VDD = VOUT(T)+1V
TA = +25°C
VOUT(T)*
0.99
VOUT(T)
VOUT(T)*
1.01
V
VOUT(T) < 2.0V, VDD = VOUT(T)+1V
TA = +25°C
VOUT(T)-
20mV
VOUT(T)
VOUT(T)+
20mV
Line Regulation (dVOUT/dVDD/VOUT)
VDD = (VOUT – Nom +1.0V) to 5.25V, IOUT = 1.0mA
0.02
0.1
%/V
Load Regulation
VDD = VOUT - Nom +1.0V, IOUT = 1mA to 300mA
15
30
mV
Quiescent Current (Note 7)
IOUT = 0mA, EN1 = high, EN2 = low
80
140
µA
IOUT = 0mA, EN1 = EN2 = high
160
280
Standby Current (ISTANDBY)
VEN = 0V (Disabled)
0.01
1.0
µA
Each Channel Output Current (Note 5)
300
mA
Fold-Back Short Current (Note 8)
VOUT Short to Ground
55
mA
PSRR (Note 9)
VDD = (VOUT+1V) VDC + 0.2Vp-pAC,
VOUT ≥ 1.8V, IOUT = 30mA,
EN1 turns on and EN2 turns off, or
EN1 turns off and EN2 turns on
f = 1kHz
75
dB
Output Noise Voltage
(Note 9) (Note 10)
BW = 10Hz to 100kHz, IOUT = 30mA
60
µVrms
Dropout Voltage (Note 11)
IOUT = 300mA
1.1V ≤ VOUT < 1.5V
0.51
0.80
V
1.5V ≤ VOUT < 1.7V
0.38
0.53
1.7V ≤ VOUT < 2.0V
0.34
0.48
2.0V ≤ VOUT < 2.5V
0.28
0.42
2.5V ≤ VOUT < 2.8V
0.27
0.36
2.8
V ≤ VOUT < 3.0V
0.26
0.34
3.0
V ≤ VOUT < 3.6V
0.25
0.33
Output Voltage Temperature
Coefficient
IOUT = 30mA, TA = -40°C to +85°C
±30
ppm/°C
Thermal Shutdown Threshold
(TSHDN)
+155
°C
Thermal Shutdown Hysteresis (THYS)
+25
°C
EN Input Low Voltage
0
0.5
V
EN Input High Voltage
1.3
5.25
V
EN Input Leakage
VEN = 0, VDD = 5.0V or VEN = 5.0V, VDD = 0V
-1.0
+1.0
µA
On Resistance of N-Channel for Auto-
Discharge
VDD = 4.0V, VOUT = 0.2V, VEN = 0V (Disabled)
10
Ω
Thermal Resistance Junction to
Ambient (
JA)
X1-DFN1612-8 (Type B)
160
°C/W
Thermal Resistance Junction to Case
(
JC)
X1-DFN1612-8 (Type B)
26
Notes:
5. Even though AP7348 would provide each channel 300mA, user still need consider power dissipation can
’t over 600mW, or it will enable OTP function
and get abnormal output voltage.
6. Potential multiple grades based on following output voltage accuracy.
7. Quiescent current is defined here is the difference in current between the input and the output.
8. Short circuit current is measured with VOUT pulled to GND.
9. This specification is guaranteed by design.
10. To make sure lowest environment noise minimizes the influence on noise measurement.
11. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com