Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7348 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7348
Description  4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7348 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7348 Datasheet HTML 7Page - Diodes Incorporated AP7348 Datasheet HTML 8Page - Diodes Incorporated AP7348 Datasheet HTML 9Page - Diodes Incorporated AP7348 Datasheet HTML 10Page - Diodes Incorporated AP7348 Datasheet HTML 11Page - Diodes Incorporated AP7348 Datasheet HTML 12Page - Diodes Incorporated AP7348 Datasheet HTML 13Page - Diodes Incorporated AP7348 Datasheet HTML 14Page - Diodes Incorporated AP7348 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP7348
Document number: DS42124 Rev. 3 - 2
13 of 15
www.diodes.com
August 2020
© Diodes Incorporated
AP7348
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: X1-DFN1612-8 (Type B)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: X1-DFN1612-8 (Type B)
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish- NiPdAu over Copper Leads, Solderable per JESD22-B102 Test Method 1
Weight: 2.359mg (Approximate)
PIN#1 ID C0.15
Seating Plane
D
E
D2
E2
b
L
A
A1
A3
z
e
k
Y2
X2
C
Y1
X
Y
G
X1
X1-DFN1612-8
(Type B)
Dim
Min
Max
Typ
A
0.36
0.43
0.39
A1
0.00
0.05
0.02
A3
--
--
0.127
b
0.13
0.23
0.18
D
1.55
1.65
1.60
D2
1.20
1.40
1.30
E
1.15
1.25
1.20
E2
0.20
0.40
0.30
e
--
--
0.40
k
--
--
0.25
L
0.15
0.25
0.20
z
--
--
0.11
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.400
G
0.150
X
0.280
X1
1.400
X2
1.480
Y
0.400
Y1
0.400
Y2
1.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com