Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7348 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7348
Description  4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7348 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7348 Datasheet HTML 1Page - Diodes Incorporated AP7348 Datasheet HTML 2Page - Diodes Incorporated AP7348 Datasheet HTML 3Page - Diodes Incorporated AP7348 Datasheet HTML 4Page - Diodes Incorporated AP7348 Datasheet HTML 5Page - Diodes Incorporated AP7348 Datasheet HTML 6Page - Diodes Incorporated AP7348 Datasheet HTML 7Page - Diodes Incorporated AP7348 Datasheet HTML 8Page - Diodes Incorporated AP7348 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7348
Document number: DS42124 Rev. 3 - 2
2 of 15
www.diodes.com
August 2020
© Diodes Incorporated
AP7348
Typical Applications Circuit
VDD
EN1
EN2
GND
VOUT1
VOUT2
VOUT3
VOUT4
VOUT1
VOUT2
VOUT3
VOUT4
VIN
COUT1
1µF
COUT2
1µF
COUT3
1µF
COUT4
1µF
CIN
4.7µF
AP7348
ON
OFF
ON
OFF
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Ground
2
VOUT3
Channel 3 Output Voltage Pin
3
VOUT4
Channel 4 Output Voltage Pin
4
EN2
Enable Pin to control CH2&CH4
This pin should be driven either high or low. Driving this pin high enables the regulator, while pulling it
low puts the regulator into shutdown mode
5
VOUT2
Channel 2 Output Voltage Pin
6
VDD
Power Input Pin
7
VOUT1
Channel 1 Output Voltage Pin
8
EN1
Enable Pin to control CH1&CH3
This pin should be driven either high or low. Driving this pin high enables the regulator, while pulling it
low puts the regulator into shutdown mode
—
Thermal Pad
This pad must be connected for thermal dissipation. Electrically it may be left open or connected to
Ground. This does not replace the connection that is required for pin 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com