Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7348 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7348
Description  4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7348 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7348 Datasheet HTML 4Page - Diodes Incorporated AP7348 Datasheet HTML 5Page - Diodes Incorporated AP7348 Datasheet HTML 6Page - Diodes Incorporated AP7348 Datasheet HTML 7Page - Diodes Incorporated AP7348 Datasheet HTML 8Page - Diodes Incorporated AP7348 Datasheet HTML 9Page - Diodes Incorporated AP7348 Datasheet HTML 10Page - Diodes Incorporated AP7348 Datasheet HTML 11Page - Diodes Incorporated AP7348 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP7348
Document number: DS42124 Rev. 3 - 2
8 of 15
www.diodes.com
August 2020
© Diodes Incorporated
AP7348
Typical Performance Characteristics (continued) (@TA = +25°C, CIN = 4.7µF, COUT1 = COUT2 = COUT3 = COUT4 = 1µF)
Enable Turn-Off Response
VOUT=1.8V
Enable Turn-On Response
VOUT=2.8V
Enable Turn-On Response
VOUT=1.8V
V
DD(DC) = 4.2V (5V/div)
VEN(DC) = 0V to 2V (2V/div)
V
OUT(DC) = 1.8V (1V/div)
I
OUT = 300mA
V
DD(DC) = 4.2V (5V/div)
(5V/div)
V
EN(DC) = 0V to 2V (2V/div)
VOUT(DC) = 2.8V (1V/div)
I
OUT = 300mA
V
DD(DC) = 4.2V (5V/div)
VEN(DC) = 2V to 0V (2V/div)
V
OUT(DC) = 1.8V (1V/div)
I
OUT = 0mA
Time (40
μs/div)
Time (40
μs/div)
Time (40
μs/div)
Enable Turn-Off Response
VOUT=2.8V
V
DD(DC) = 4.2V (5V/div)
VEN(DC) = 2V to 0V (2V/div)
V
OUT(DC) = 2.8V (1V/div)
I
OUT = 0mA
Time (40
μs/div)
Enable Turn-Off Response
VOUT=1.8V
V
DD(DC) = 4.2V (5V/div)
VEN(DC) = 2V to 0V (2V/div)
V
OUT(DC) = 1.8V (1V/div)
I
OUT = 300mA
Time (40
μs/div)
Enable Turn-Off Response
VOUT=2.8V
V
DD(DC) = 4.2V (5V/div)
VEN(DC) = 2V to 0V (2V/div)
V
OUT(DC) = 2.8V (1V/div)
I
OUT = 300mA
Time (40
μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com