Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2302CPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2302CPZ-R2
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2302CPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2302CPZ-R2 Datasheet HTML 3Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SSM2302
Rev. 0 | Page 7 of 20
SHUTDOWN VOLTAGE (V)
12
0
00.8
10
8
6
4
2
1.0
0
00.8
OUTPUT POWER (W)
VDD = 3.6V
RL = 8Ω, 33µH
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD = 5V
VDD = 2.5V
VDD = 3.6V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Figure 9. Supply Current vs. Shutdown Voltage
1.6
0
2.5
5.0
SUPPLY VOLTAGE (V)
10%
1%
1.4
1.2
1.0
0.8
0.6
0.4
0.2
3.0
3.5
4.0
4.5
f = 1kHz
GAIN = 2
RL = 8Ω, 33µH
Figure 10. Maximum Output Power vs. Supply Voltage
100
0
01.4
OUTPUT POWER (W)
RL = 8Ω, 33µH
90
80
70
60
50
40
30
20
10
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 11. Efficiency vs. Output Power into 8 Ω
Figure 12. Power Dissipation vs. Output Power at VDD = 3.6 V
1.8
0
01
OUTPUT POWER (W)
.3
VDD = 5V
RL = 8Ω, 33µH
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Figure 13. Power Dissipation vs. Output Power at VDD = 5.0 V
400
0
01.6
OUTPUT POWER (W)
RL = 8Ω, 33µH
VDD = 3.6V
VDD = 2.5V
VDD = 5V
350
300
250
200
150
100
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 14. Output Power vs. Supply Current, One Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com