Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2302CPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2302CPZ-R2
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2302CPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2302CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 11Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 12Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 13Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 14Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SSM2302
Rev. 0 | Page 11 of 20
GAIN
CONTROL
FET
DRIVER
MODULATOR
VDD
VDD
GND
GND
INTERNAL
OSCILLATOR
POP/CLICK
SUPPRESSION
OUTR+
OUTR–
OUTL+
OUTL–
GAIN
CONTROL
BIAS
FET
DRIVER
MODULATOR
INR+
INR–
GAIN
SD
SHUTDOWN
INL+
INL–
0.01µF1
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
0.01µF1
0.01µF1
R
R
0.01µF1
LEFT IN+
LEFT IN–
RIGHT IN–
RIGHT IN+
SSM2302
GAIN
R
R
EXTERNAL GAIN SETTINGS = 20 log[2/(1 + R/150kΩ)]
0.1µF
VBATT
2.5V TO 5.0V
10µF
Figure 24. Stereo Differential Input Configuration, User-Adjustable Gain
GAIN
CONTROL
FET
DRIVER
MODULATOR
VDD
VDD
GND
GND
INTERNAL
OSCILLATOR
OUTR+
OUTR–
OUTL+
OUTL–
GAIN
CONTROL
BIAS
FET
DRIVER
MODULATOR
INR+
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
EXTERNAL GAIN SETTINGS = 20 log[2/(1 + R/150kΩ)]
INR–
SD
SHUTDOWN
INL+
INL–
0.01µF1
0.01µF1
0.01µF1
0.01µF1
LEFT IN
RIGHT IN
POP/CLICK
SUPPRESSION
R
R
R
R
SSM2302
GAIN
GAIN
0.1µF
VBATT
2.5V TO 5.0V
10µF
Figure 25. Stereo Single-Ended Input Configuration, User-Adjustable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com