Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2302CPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2302CPZ-R2
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2302CPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2302CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 11Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SSM2302
Rev. 0 | Page 8 of 20
7
–2
–10
90
TIME (ms)
6
5
4
3
2
1
0
–1
–5 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85
SD INPUT
OUTPUT
0
–100
10
100k
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
100
1k
10k
Figure 15. Power Supply Rejection Ratio vs. Frequency
Figure 18. Turn-On Response
0
–80
10
100k
FREQUENCY (Hz)
100
1k
10k
–10
–20
–30
–40
–50
–60
–70
RL = 8Ω, 33µH
GAIN = 6dB
7
–2
–20
180
TIME (ms)
6
5
4
3
2
1
0
–1
0
20
40
60
80
100
120
140
160
SD INPUT
OUTPUT
Figure 16. Common-Mode Rejection Ratio vs. Frequency
Figure 19. Turn-Off Response
0
–140
10
100k
FREQUENCY (Hz)
100
1k
10k
–20
–40
–60
–80
–100
–120
VDD = 3.6V
VRIPPLE = 1V rms
RL = 8Ω, 33µH
Figure 17. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com