Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2302CPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM2302CPZ-R2
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2302CPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM2302CPZ-R2 Datasheet HTML 11Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 12Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 13Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 14Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 15Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 16Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 17Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 18Page - Analog Devices SSM2302CPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SSM2302
Rev. 0 | Page 15 of 20
SSM2302 APPLICATION BOARD SCHEMATIC
NC
NC
U1
SSM2302
INR–
INL–
15
14
13
16
GAIN
C4
1nF
C3
1nF
1
2
2
C10
0.01µF
C7
0.1µF
C6
0.1µF
C5
10µF
C11
0.01µF
R3
100kΩ
RIGHT IN
RIN+
RIN–
JP11
HEADER 2
JP10
HEADER 2
1
1
2
3
12
VDD
VDD
VDD
GND
GND
6
7
8
5
GAIN
SD
L1
FERRITE BEAD
L2
FERRITE BEAD
L1
FERRITE BEAD
OUT RIGHT
OUT LEFT
L2
FERRITE BEAD
SD
C2
1nF
C1
1nF
1
2
VDD
VDD
VDD
HEADER 13C
JP12
6
4
2
5
3
1
2
C8
0.01µF
C9
0.01µF
LEFT IN
JP1
JP3
LIN+
INL+
LIN–
JP9
HEADER 2
JP8
HEADER 2
1
1
2
3
12
JP2
POWER
12
R4
100kΩ
Figure 28. SSM2302 Application Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com