Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC2 Datasheet(PDF) 1 Page - C&K Components

Part # KSC2
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC2 Datasheet(HTML) 1 Page - C&K Components

  KSC2 Datasheet HTML 1Page - C&K Components KSC2 Datasheet HTML 2Page - C&K Components KSC2 Datasheet HTML 3Page - C&K Components KSC2 Datasheet HTML 4Page - C&K Components KSC2 Datasheet HTML 5Page - C&K Components KSC2 Datasheet HTML 6Page - C&K Components KSC2 Datasheet HTML 7Page - C&K Components KSC2 Datasheet HTML 8Page - C&K Components KSC2 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
B
B–74
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC Series
Sealed Tact Switch for SMT
Features/Benefits
• Positive tactile feeling
• J or G terminations
• Various heights
• IP67
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
SEALING: IP67 except KSC5 (IP50)
Liability Limitation
This datasheet does not provide enough information for
applications that require a certain level of quality or safety
such as automotive, medical systems, or safety equipement.
Please contact customer service for the contractual
specification package.
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Depending on the application, this component is
suited to the following methods:
– Terminals being silver or gold plated over a nickel barrier, the
use of slightly activated flux is suitable.
– Soldering on double wave machine for vertical versions:
soldering time ≤ 5 sec.
– Cleaning according to typical washing processes.
– Lead free reflow soldering process in accordance with IEC
61760-1.
Typical Applications
• Automotive
• Medical instruments
• Industrial electronics
• Network infrastructure and IT
• Elevator
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
0.1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.):
≥ 250 Vrms
CONTACT RESISTANCE: ≤ 100mΩ
INSULATION RESISTANCE (100 V):
≥ 10M Ω
BOUNCE TIME: ≤ 1 ms
* Ultra low current with 10 µA - 1 VDC version are available upon request for
KSC2 and KSC4
Packaging
Tape and Reel (see series for quantity information)
NOTE: Specifications listed above are for switches with standard options.
KSC1
KSC2
KSC3
KSC4
KSC5
KSC6
KSC7
KSC8
KSC9
KSC10 KSC11
Without
actuator
Soft
actuator
Hard
actuator
Soft
actuator
Hard
actuator
Hard
actuator
Soft
actuator
Hard
actuator
Hard
actuator
Soft
actuator
Hard
actuator
H = 2.5 mm H = 3.5 mm H = 3.5 mm H = 5.2 mm H = 5.6 mm H = 7.7 mm H = 4.4 mm H = 4.9 mm
H = 7.7 mm
compatible
with button
H = 4.9 mm
H = 4 mm
IP67
IP67
IP67
IP67
IP50
IP67
IP67
IP67
IP67
IP67
IP67
KSC Product Range
Note: KSC Series is subject to variants. Please contact customer service for other options.
26 May 22


Similar Part No. - KSC2

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC2 CK-COMPONENTS-KSC2 Datasheet
299Kb / 6P
KSC Series Sealed Tact Switch for SMT
KSC2 CK-COMPONENTS-KSC2 Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC2 CK-COMPONENTS-KSC2 Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC2 CK-COMPONENTS-KSC2 Datasheet
105Kb / 1P
Sealed Tact Switch for SMT
16 Mar 22
logo
Samsung semiconductor
KSC2001 SAMSUNG-KSC2001 Datasheet
28Kb / 1P
NPN GENERAL PURPOSE APPLICATIONS HIGH TOTAL POWER DISIPATION)
More results

Similar Description - KSC2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
KSC222J-LFS AD-KSC222J-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KSC241GLFS CK-COMPONENTS-KSC241GLFS Datasheet
273Kb / 6P
Sealed Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com