Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC2 Datasheet(PDF) 3 Page - C&K Components

Part # KSC2
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC2 Datasheet(HTML) 3 Page - C&K Components

  KSC2 Datasheet HTML 1Page - C&K Components KSC2 Datasheet HTML 2Page - C&K Components KSC2 Datasheet HTML 3Page - C&K Components KSC2 Datasheet HTML 4Page - C&K Components KSC2 Datasheet HTML 5Page - C&K Components KSC2 Datasheet HTML 6Page - C&K Components KSC2 Datasheet HTML 7Page - C&K Components KSC2 Datasheet HTML 8Page - C&K Components KSC2 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
B–77
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
KSC XA Series
Soft Sound Tact Switch
B
8 Jul 21
6,3+0,3
0
0,1
4,73 0,1
3 0,1
8,6 min
3 max
6,8+0,3
-0,1
3,3 mini
*
LFS Lead free compatible, silver plated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
K S C
Operating Force
35 3.5 N
40 4.0 N
55 5.5 N
68 6.8 N
96 9.6 N
Termination
J J bend
L F S
J
Packaging
In reels of 1,400 pieces.
Dimensions of reels according to EIA RS481 or IEC 2863. External diameter 380 mm ± 2 mm.
Features/Benefits
• New soft sound
• Extended cage
• IP67
• Long life
• J terminations
• Tape & reel
Typical Applications
• Automotive interior & openings
(gear shift paddle, steering wheel,
window lifter, seat adjustment
modules, trunk & door handle
modules)
• Medical & industrial electronics
(front panel, instrumentation)
Type
Force (N)
Life (cycles)
Travel (mm)
KSC XA 35J LFS
3.5 +/-1
1.000,000
0.7+/-0.2
KSC XA 40J LFS
4.0 +/-1
1.000,000
0.7+/-0.2
KSC XA 55J LFS
5.5 +/-1.1
1,000,000
0.7+/-0.2
KSC XA 68J LFS
6.8 +/- 1.4
500,000
0.7+/-0.2
KSC XA 96J LFS
9.6 +/- 2.4
150,000
0.7+/-0.2
POWER
: 0.002 VA min. / 1VA Max.
VOLTAGE: 2V min. / 24V Max.
CURRENT: 1mA min. / 42mA Max.
OPERATING TEMPERATURE: -40°C / +95°C
CONTACT RESISTANCE: 0.1 ohm
PCB LAYOUT
X A
6,3+0,3
0
0,1
4,73 0,1
3 0,1
8,6 min
3 max
6,8+0,3
-0,1
3,3 mini
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com