Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC2 Datasheet(PDF) 18 Page - C&K Components

Part # KSC2
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC2 Datasheet(HTML) 18 Page - C&K Components

Back Button KSC2 Datasheet HTML 14Page - C&K Components KSC2 Datasheet HTML 15Page - C&K Components KSC2 Datasheet HTML 16Page - C&K Components KSC2 Datasheet HTML 17Page - C&K Components KSC2 Datasheet HTML 18Page - C&K Components KSC2 Datasheet HTML 19Page - C&K Components KSC2 Datasheet HTML 20Page - C&K Components KSC2 Datasheet HTML 21Page - C&K Components KSC2 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
B
B–92
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B–92
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC8 Series
Sealed Tact Switch for SMT
ø 2,96
ø 4,7
+0,3
6,2 0
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Contact Material
1 Silver
3 Gold
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 8
Operating Force
2 1.7 / 3.15 N (170/315 grams)
3 2.55 N (255 grams)
4 3.4 N (340 grams)
See mechanical chart above
to confirm specifications
Termination
J J bend
G Gullwing
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC821
3.15 ± 0.75
300,000
0.65 ± 0.2
KSC821 OL
1.7 ± 0.5
300,000
0.4 ± 0.2
KSC831 OL
2.55 ± 0.65
300,000
0.4 ± 0.2
KSC841 OL
3.4 ± 0.85
300,000
0.4 ± 0.2
Option
NONE Long travel
OL Short travel
KSC8 hard actuator 4,9 mm high
Packaging
Switches delivered on continuous tape & reels of 1,000 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm
1 mar 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com