Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC2 Datasheet(PDF) 4 Page - C&K Components

Part # KSC2
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC2 Datasheet(HTML) 4 Page - C&K Components

  KSC2 Datasheet HTML 1Page - C&K Components KSC2 Datasheet HTML 2Page - C&K Components KSC2 Datasheet HTML 3Page - C&K Components KSC2 Datasheet HTML 4Page - C&K Components KSC2 Datasheet HTML 5Page - C&K Components KSC2 Datasheet HTML 6Page - C&K Components KSC2 Datasheet HTML 7Page - C&K Components KSC2 Datasheet HTML 8Page - C&K Components KSC2 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
B
B–78
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B–78
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
20 Apr 21
KSC SLT Series
Long Travel Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Long travel
• Soft sound
• IP40
• J & G terminations
• Tape & reel
Typical Applications
• Automotive interior
• Front panel
• Instrumentation
Type
Force (N)
Life (cycles)
Travel (mm)
KSC SLT 221J LFS
2.4 +/- 0.7
200,000
1.35 +/-0.25
KSC SLT 221G LFS
2.4 +/- 0.7
200,000
1.35 +/-0.25
KSC SLT 223J LFG
2.4 +/- 0.7
200,000
1.35 +/-0.25
KSC SLT 223G LFG
2.4 +/- 0.7
200,000
1.35 +/-0.25
KSC SLT 241J LFS
3.5 +/- 0.9
200,000
1.35 +/-0.25
KSC SLT 241G LFS
3.5 +/- 0.9
200,000
1.35 +/-0.25
KSC SLT 243J LFG
3.5 +/- 0.9
200,000
1.35 +/-0.25
KSC SLT 243G LFG
3.5 +/- 0.9
200,000
1.35 +/-0.25
Specification
FUNCTION: Momentary
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
Mechanical
MAXIMUM APPLIED FORCE: 40N
* VALID ONE TIME. MAXIMUM ALLOWED TRAVEL TO AVOID
OVERLOAD ISSUES IS 1.70MM.
Electrical
SWITCHING POWER MAX.:
1.0 VA
0.2 VA
MAXIMUM POWER:
1.0 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE: < 100mΩ
INSULATION RESISTANCE: Initial measurement:
≥ 1GΩ
After damp heat: ≥10MΩ
BOUNCE TIME: < 5 ms
Environmental
OPERATING TEMPERATURE: -40°C to +85°C (Silver)
-40°C to +125°C (Gold)
STORAGE TEMPERATURE: -40°C to +85°C (Silver)
-40°C to +125°C (Gold)
Process
Compatible with the lead free reflow soldering process.
Packaging
In reels of 1,000 pieces.
Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 330 mm ± 2 mm.
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
K S C
Plating
1 Silver (with LFS final digits ONLY)
3 Gold (with LFG final digits ONLY)
Termination
J J bend
G Gullwing
L F S
L T
S
2
Operating Force
2 2.4 N
4 3.5 N
Actuator
2 Soft 5.0 mm height
Silver
Gold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com