Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC10W Datasheet(PDF) 2 Page - CUI INC

Part # PRC10W
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRC10W Datasheet(HTML) 2 Page - CUI INC

  PRC10W Datasheet HTML 1Page - CUI INC PRC10W Datasheet HTML 2Page - CUI INC PRC10W Datasheet HTML 3Page - CUI INC PRC10W Datasheet HTML 4Page - CUI INC PRC10W Datasheet HTML 5Page - CUI INC PRC10W Datasheet HTML 6Page - CUI INC PRC10W Datasheet HTML 7Page - CUI INC PRC10W Datasheet HTML 8Page - CUI INC PRC10W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 01/16/2023
│ page 2 of 9
CUI Inc
│ SERIES: PRC10W │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
8.5
72
160
Vdc
surge voltage
for maximum of 100 ms
200
Vdc
input undervoltage lockout
turn-on voltage treshold
at 80% load
8.2
9
9.5
Vdc
turn-off voltage treshold
at 80% load
6.9
7.5
8.0
Vdc
lockout hysteresis voltage at 80% load
1.5
Vdc
current
Vin = 12V, full load
Vin = 8.5V, 80% load
1.3
A
input filter
LC filter
inrush current (I2t)
as per ETS300 132-2
0.1
A2s
input reflected ripple current
P-P thru 12uH inductor, 5Hz to 20MHz
30
mA
CTRL
module on: CTRL pin open or pulled high (3.5~160 Vdc)
module off: CTRL pin pulled low to GND (0~1.2 Vdc)
CTRL pin current when pulled low
0.4
1
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
5 Vdc output
12 Vdc output
15 Vdc output
±5 Vdc output
±12 Vdc output
±15 Vdc output
2,000
835
668
1,000
416
333
μF
μF
μF
μF
μF
μF
voltage accuracy
Vin = 72V, full load, 25°C
±1
%
output voltage balance
Vin = 72V, full load, 25°C, dual models only
±1
%
line regulation
input voltage from low to high, full load
±0.2
%
load regulation
0%~100% load
single output models
dual output models
±0.5
±1
%
%
cross regulation
load cross variation 25%/100%, dual output models
±5
%
switching frequency
230
255
280
kHz
transient recovery time
75% to 100% load step change, 0.1 A/us,
within 1% nominal input voltage
250
μs
transient response deviation
75% to 100% load step change, 0.1 A/us
±5
%
temperature coefficient
40°C to 100°C
±0.02
%/°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com