Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC10W Datasheet(PDF) 1 Page - CUI INC

Part # PRC10W
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRC10W Datasheet(HTML) 1 Page - CUI INC

  PRC10W Datasheet HTML 1Page - CUI INC PRC10W Datasheet HTML 2Page - CUI INC PRC10W Datasheet HTML 3Page - CUI INC PRC10W Datasheet HTML 4Page - CUI INC PRC10W Datasheet HTML 5Page - CUI INC PRC10W Datasheet HTML 6Page - CUI INC PRC10W Datasheet HTML 7Page - CUI INC PRC10W Datasheet HTML 8Page - CUI INC PRC10W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 01/16/2023
page 1 of 9
SERIES: PRC10W
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 10W isolated output
• ultra-wide 18:1 input range (8.5~160 Vdc)
• single/dual regulated outputs
• 4,200 Vdc isolation
• over voltage, over current, short circuit, UVLO protection
• certified to IEC/BS EN/UL 62368-1
• meets EN 50155 with external circuit
• reinforced insulation
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency²
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PRC10W-72-S5
72
8.5 ~ 160
5
0
2,000
10
100
84
PRC10W-72-S12
72
8.5 ~ 160
12
0
835
10
100
88
PRC10W-72-S15
72
8.5 ~ 160
15
0
668
10
100
88
PRC10W-72-D5
72
8.5 ~ 160
±5
0
±1,000
10
100
83
PRC10W-72-D12
72
8.5 ~ 160
±12
0
±416
10
100
87
PRC10W-72-D15
72
8.5 ~ 160
±15
0
±333
10
100
87
Notes:
1. Measured at 5Hz to 20MHz bandwidth, peak to peak.
2. At nominal input voltage 72Vdc.
PART NUMBER KEY
Base Number
PRC10W - 72 -X XX
Input Voltage
Output Voltage
Output
S = single
D = dual
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PRC10W

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
PRC10 EXTECH-PRC10 Datasheet
110Kb / 1P
PRC10 & 15 Current & Voltage Calibrators/Meters
More results

Similar Description - PRC10W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com