Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC10W Datasheet(PDF) 4 Page - CUI INC

Part # PRC10W
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRC10W Datasheet(HTML) 4 Page - CUI INC

  PRC10W Datasheet HTML 1Page - CUI INC PRC10W Datasheet HTML 2Page - CUI INC PRC10W Datasheet HTML 3Page - CUI INC PRC10W Datasheet HTML 4Page - CUI INC PRC10W Datasheet HTML 5Page - CUI INC PRC10W Datasheet HTML 6Page - CUI INC PRC10W Datasheet HTML 7Page - CUI INC PRC10W Datasheet HTML 8Page - CUI INC PRC10W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
cui.com
date 01/16/2023
│ page 4 of 9
CUI Inc
│ SERIES: PRC10W │ DESCRIPTION: DC-DC CONVERTER
units: inch [mm]
pin size diameter: 0.02±0.002 inch (0.5±0.05mm)
general tolerance: inches: x.xx = ±0.02, x.xxx = ±0.010
mm: x.x = ±0.5, x.xx = ±0.25
Pin Out
PIN
Single
outputs
Dual
outputs
1
+Vin
+Vin
2
+Vin
+Vin
3
Remote on/off Remote on/off
11
NP
Common
12
-Vout
NP
13
+Vout
-Vout
15
NP
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
MECHANICAL DRAWING
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com