Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC10W Datasheet(PDF) 3 Page - CUI INC

Part # PRC10W
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRC10W Datasheet(HTML) 3 Page - CUI INC

  PRC10W Datasheet HTML 1Page - CUI INC PRC10W Datasheet HTML 2Page - CUI INC PRC10W Datasheet HTML 3Page - CUI INC PRC10W Datasheet HTML 4Page - CUI INC PRC10W Datasheet HTML 5Page - CUI INC PRC10W Datasheet HTML 6Page - CUI INC PRC10W Datasheet HTML 7Page - CUI INC PRC10W Datasheet HTML 8Page - CUI INC PRC10W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
cui.com
date 01/16/2023
│ page 3 of 9
CUI Inc
│ SERIES: PRC10W │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
zener clamp, single output only
5 Vdc output
12 Vdc output
15 Vdc output
6.2
15
18
Vdc
Vdc
Vdc
over current protection
auto recovery, hiccup
110
150
180
%
short circuit protection
continuous, auto recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
3,000
4,200
Vac
Vdc
isolation resistance
input to output
1,000
MΩ
isolation capacitance
input to output, 100kHz / 0.25V
16
pF
safety approvals
certified to 62368: IEC, BS EN, UL
designed to meet 50155: EN
designed to meet 45545-2: EN
conducted emissions
EN55032 and EN50155 Compliant (with external filter)
radiated emissions
EN55032 and EN50155 Compliant (with external filter)
ESD
EN 61000-4-2 Level 3: Air ±8kV, Contact± 6kV, perf. Criteria A
radiated immunity
EN 61000-4-3 Level 3: 80~1000MHz, 20 V/m, perf. Criteria A
EFT/burst
EN61000-4-4 Level 3: On power input port, ±2kV, external input capacitor required, perf. Criteria A
surge
EN 61000-4-5 Level 4: Line to earth, ±4kV, line to line, ±2kV, perf. Criteria A
conducted immunity
EN 61000-4-6 Level 3: 0.15~80MHz, 10V, perf. Criteria A
voltage dips and interruptions
EN 50155 Class S3: 20ms interruptions, perf. Criteria A
MTBF
as per MIL-HDBK-217F, 25°C
5 Vdc output
12 Vdc output
15 Vdc output
±5 Vdc output
±12 Vdc output
±15 Vdc output
1,654
2,295
2,363
1,664
2,093
2,335
K hours
K hours
K hours
K hours
K hours
K hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
100
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
31.8 x 20.3 x 12.7 [1.25 × 0.80 × 0.50 inch]
mm
weight
16
g
case material
plastic, DAP, UL 94V-0
base material
plastic, LCP, UL 94V-0
potting material
UL 94V-0
pin material
base: copper plated steel wire
plating: tin
cooling method
natural convection
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com