Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSOP383.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSOP383..
Description  Preamplifier Circuit for IR Remote Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSOP383.. Datasheet(HTML) 4 Page - Vishay Siliconix

  VSOP383.. Datasheet HTML 1Page - Vishay Siliconix VSOP383.. Datasheet HTML 2Page - Vishay Siliconix VSOP383.. Datasheet HTML 3Page - Vishay Siliconix VSOP383.. Datasheet HTML 4Page - Vishay Siliconix VSOP383.. Datasheet HTML 5Page - Vishay Siliconix VSOP383.. Datasheet HTML 6Page - Vishay Siliconix VSOP383.. Datasheet HTML 7Page - Vishay Siliconix VSOP383.. Datasheet HTML 8Page - Vishay Siliconix VSOP383.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VSOP383..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 30-Jul-2021
4
Document Number: 82748
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Sensitivity vs. Temperature
Fig. 7 - Maximum Envelope Duty Cycle
PACKAGE DIMENSIONS in millimeters
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
- 30
- 10
10
30
50
70
90
T
amb - Ambient Temperature (°C)
21542
N - Burstlength (Carrier Cycles)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
020
40
60
80
100
VSOP383..
I
IN = 5 nA
Proposed hole layout
from component side
(for reference only)
technical drawings
according to DIN
specifications
Not indicated tolerances ± 0.1
Drawing-No.: 6.550-5314.01-4
Issue: 3; 07.12.15
2
0.5 typ. (6 x)
(8 x)
0.25 ± 0.05
1.6 ± 0.15
10:1
0.35 (8 x)
0.5 (6 x)
1. Coplanarity (0.1 mm)
applies to the exposed
pad as well as the
exposed terminals.
2. Package dimension does not
include mold flash, protrusions,
burrs or metal smearing.
1
Pinning:
1. n.c.
2. V
S
3. Out
4. n.c.
5. n.c.
6. GND
7. IN
8. GND
3338
YWW
For example 38 kHz
Marking area
PIN 1 indicator
Chamfered corner
PIN 1 indicator
Exposed pad
0.1
4
85



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com