Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSOP383.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSOP383..
Description  Preamplifier Circuit for IR Remote Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSOP383.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VSOP383.. Datasheet HTML 1Page - Vishay Siliconix VSOP383.. Datasheet HTML 2Page - Vishay Siliconix VSOP383.. Datasheet HTML 3Page - Vishay Siliconix VSOP383.. Datasheet HTML 4Page - Vishay Siliconix VSOP383.. Datasheet HTML 5Page - Vishay Siliconix VSOP383.. Datasheet HTML 6Page - Vishay Siliconix VSOP383.. Datasheet HTML 7Page - Vishay Siliconix VSOP383.. Datasheet HTML 8Page - Vishay Siliconix VSOP383.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VSOP383..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 30-Jul-2021
3
Document Number: 82748
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Testsignal
TYPICAL CHARACTERISTICS (Tamb = 25 °C, VS = 3.3 V, unless otherwise specified)
Fig. 2 - Output Pulse Diagram
Fig. 3 - Sensitivity vs. DC Input Current
Fig. 4 - Bandpassfilter Characteristic
Fig. 5 - Suppression of Ripple on Supply Voltage
burst length t
pI
output pulse width t
po
I
IN
V
OUT
one carrier cycle 1/f
C
burst length of input signal t
pi
output pulse width t
po
I
IN
V
OUT
21538
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
10
1000
100 000
T
OFF
t
po
Testsignal: t
pi = 0.6 ms
burst repetition time = 1.2 ms
21539
I
IN - Input Current (nA)
0.1
1
10
0.1
1
10
100
1000
21541
DC Input Current (µA)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
33
35
37
39
41
43
VSOP38338
Frequency (kHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
1000
f = 100 Hz
f = f
0
21540
Δ
VS - AC Ripple on VS (mVPP)
f = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com