Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSOP383.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSOP383..
Description  Preamplifier Circuit for IR Remote Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSOP383.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VSOP383.. Datasheet HTML 1Page - Vishay Siliconix VSOP383.. Datasheet HTML 2Page - Vishay Siliconix VSOP383.. Datasheet HTML 3Page - Vishay Siliconix VSOP383.. Datasheet HTML 4Page - Vishay Siliconix VSOP383.. Datasheet HTML 5Page - Vishay Siliconix VSOP383.. Datasheet HTML 6Page - Vishay Siliconix VSOP383.. Datasheet HTML 7Page - Vishay Siliconix VSOP383.. Datasheet HTML 8Page - Vishay Siliconix VSOP383.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VSOP383..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 30-Jul-2021
2
Document Number: 82748
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
PARTS TABLE
AGC
NOISY ENVIRONMENTS AND SHORT BURSTS (AGC3)
Carrier frequency
36 kHz
VSOP38336 (1)
38 kHz
VSOP38338 (2)(3)(4)(5)
Package
VSOP
Pinning
1, 4, 5 = N.C., 2 = VS, 3 = OUT, 6, 8 = GND, 7 = IN
Dimensions (mm)
2.0 W x 2.0 H x 0.76 D
Mounting
SMD
Application
Remote control
Best remote control code
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
Pin 2
VS
-0.3 to +6
V
Supply current
Pin 2
IS
3mA
Output voltage
Pin 3
VO
-0.3 to (VS + 0.3)
V
Output sink current
Pin 3
IO
5mA
Power dissipation
Tamb
≤ 85 °C
Ptot
10
mW
Operating temperature range
Tamb
-25 to +85
°C
Storage temperature range
Tstg
-25 to +85
°C
ESD stress, HBM
Pin 2, pin 3, MIL-STD-883C
VESD
2000
V
Pin 7, MIL-STD-883C
VESD
500
V
ESD stress, MM
Pin 2, pin 3, MIL-STD-883C
VESD
200
V
Pin 7, MIL-STD-883C
VESD
100
V
ELECTRICAL CHARACTERISTICS (Tamb = -30 °C to +85 °C)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
2.5
-
5.5
V
Supply current (pin 2)
IIN = 0, VS = 5 V
IS
0.27
0.35
0.45
mA
Output voltage low (pin 3)
IOL = 2 mA
VOL
-
-
100
mV
Output voltage high (pin 3)
IOL = 0
VOH
VS - 0.25
-
-
V
Internal pull up resistor
(pin 2, pin 3)
RPU
-33-
k
Ω
Max. input DC current
VIN > 0
IIN-DCmax.
400
-
-
μA
Min. signal detection current
IIN-DC = 0, fC = fBPF
IIN-min.
-
400
800
pA
IIN-DC = 100 μA, fC = fBPF
IIN-min.
-
5
10
nA
Output pulse width
IIN-DC = 0, fC = fBPF,
IIN = 0.8 nA to 50 μA,
testsignal see fig. 1, BER
≤ 2%
tpo
tpi - 6/f0
tpi
tpi + 6/f0
μs
Accuracy of bandpass center
frequency
Tamb = + 25 °C
fBPF
f0 - 4 %
f0
f0 + 4 %
kHz
Bandwidth of bandpassfilter
- 3 dB, f0 = 38 kHz
B
-
3.8
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com