Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSOP383.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSOP383..
Description  Preamplifier Circuit for IR Remote Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSOP383.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VSOP383.. Datasheet HTML 1Page - Vishay Siliconix VSOP383.. Datasheet HTML 2Page - Vishay Siliconix VSOP383.. Datasheet HTML 3Page - Vishay Siliconix VSOP383.. Datasheet HTML 4Page - Vishay Siliconix VSOP383.. Datasheet HTML 5Page - Vishay Siliconix VSOP383.. Datasheet HTML 6Page - Vishay Siliconix VSOP383.. Datasheet HTML 7Page - Vishay Siliconix VSOP383.. Datasheet HTML 8Page - Vishay Siliconix VSOP383.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VSOP383..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 30-Jul-2021
1
Document Number: 82748
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Preamplifier Circuit for IR Remote Control
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The VSOP383.. is designed for use in an IR receiver
application together with a photo pin diode. It is a
sophisticated receiver concept that is very sensitive to data
signals and compatible with the most common data formats
for IR remote control. On the other hand it is immune to DC
current caused by DC light sources such as tungsten bulbs.
The disturbance signal of fluorescent lamps is suppressed;
there are no unwanted pulses at the output.
FEATURES
• Narrow bandpassfilter for all common carrier
frequencies
• High immunity against DC light
• Intelligent AGC to suppress disturbance from
fluorescent lamps and CRTs
• Low power consumption
• Wide supply voltage range
• High immunity against ripple on the supply voltage
• Output active low
• IC manufactured in CMOS technology
• Small QFN package with 2 mm width
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Pinning:
1, 4, 5 = N.C., 2 = VS, 3 = OUT, 6, 8 = GND, 7 = IN
ORDERING CODE
VSOP.... - 3000 pieces in tape and reel
BLOCK DIAGRAM (simplified)
Vishay recommends using a photodiode with at least
2.3 mm2 area. The connection between the photodiode and
pin 7 should be kept as short as possible and carefully
shielded to prevent noise coupling.
APPLICATION CIRCUIT
22906
Product Page
333
DDD3 D
3D Models
Marking
+ V
S
Output,
to μC
GND
Input, from
photodiode
Bias
Controlled
gain
amplifier
Automatic
gain
control
Band-
pass-
filter
33 k
Ω
Automatic
threshold
control
Inte-
grator
21536-2
21537-4
The RC filter is optional to improve the EOS robustness
and the immunity to supply voltage ripple. We recommend
to keep the distance between the photodiode and the input
of the VSOP383.. as short as possible.
Microcontroller
or other logic
to decode the
IR signal
100
Ω
0.22 μF
V
S = 2.5 V
to 5.5 V
0 V
VSOP383..
V
S
GND
IN
OUT


Similar Part No. - VSOP383..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
Preamplifier Circuit for IR Remote Control
12-Mar-12
VSOP38336 VISHAY-VSOP38336 Datasheet
225Kb / 8P
Preamplifier Circuit for IR Remote Control
12-Mar-12
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
Preamplifier Circuit for IR Remote Control
17-May-16
VSOP38338 VISHAY-VSOP38338 Datasheet
225Kb / 8P
Preamplifier Circuit for IR Remote Control
12-Mar-12
VSOP38338 VISHAY-VSOP38338 Datasheet
242Kb / 9P
Preamplifier Circuit for IR Remote Control
17-May-16
More results

Similar Description - VSOP383..

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
Preamplifier for IR Remote Control
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Silicon Standard Corp.
SS6863 SSC-SS6863 Datasheet
270Kb / 6P
IR Preamplifier for Remote Control Systems
logo
Vishay Siliconix
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
Preamplifier Circuit for IR Remote Control
12-Mar-12
VSOP584 VISHAY-VSOP584 Datasheet
224Kb / 8P
Preamplifier Circuit for IR Remote Control
11-Jan-12
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
Preamplifier Circuit for IR Remote Control
17-May-16
VSOP98260 VISHAY-VSOP98260_16 Datasheet
232Kb / 8P
Preamplifier Circuit for IR Remote Control
17-May-16
VSOP98260 VISHAY-VSOP98260_V01 Datasheet
249Kb / 8P
Preamplifier Circuit for IR Remote Control
30-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com