Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F552 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F552
Description  Octal registered transceiver with parity and flags 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F552 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F552 Datasheet HTML 4Page - NXP Semiconductors 74F552 Datasheet HTML 5Page - NXP Semiconductors 74F552 Datasheet HTML 6Page - NXP Semiconductors 74F552 Datasheet HTML 7Page - NXP Semiconductors 74F552 Datasheet HTML 8Page - NXP Semiconductors 74F552 Datasheet HTML 9Page - NXP Semiconductors 74F552 Datasheet HTML 10Page - NXP Semiconductors 74F552 Datasheet HTML 11Page - NXP Semiconductors 74F552 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F552
Octal registered transceiver with parity and flags (3-State)
1991 Jan 02
8
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITIONS
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum Clock Frequency
Waveform 1
70
85
60
MHz
tPLH
tPHL
Propagation delay
CPS to An or CPR to Bn
Waveform 1
3.5
4.0
5.0
6.0
8.0
9.0
3.0
3.5
8.5
9.0
ns
ns
tPLH
Propagation delay
CPS to FS or CPR to FR
Waveform 1
3.0
5.0
7.5
2.5
8.5
ns
tPHL
Propagation delay
OEAS to FS or OEBR to FR
Waveform 2
4.0
6.0
8.5
3.5
9.0
ns
tPLH
tPHL
Propagation delay
CPS to ERROR
Waveform 4
6.5
7.5
13.0
11.5
16.5
15.0
6.0
7.0
18.0
16.0
ns
ns
tPLH
tPHL
Propagation delay
CPR to PARITY
Waveform 4
6.5
10.5
8.5
13.5
11.0
17.0
5.5
10.0
12.5
18.0
ns
ns
tPLH
tPHL
Propagation delay
OEAS to ERROR
Waveform
NO TAG
3.5
3.0
5.5
5.0
8.0
7.0
3.0
2.5
8.5
8.0
ns
ns
tPZH
tPZL
Output Enable time
OEAS to An or OEBR to Bn
Waveform
NO TAG
Waveform
NO TAG
2.5
4.0
4.0
6.5
7.0
9.5
2.0
4.0
8.0
10.5
ns
ns
tPHZ
tPLZ
Output Disable time
OEAS to An or OEBR to Bn
Waveform
NO TAG
Waveform
NO TAG
2.0
2.0
4.0
3.5
7.0
7.0
1.5
1.5
8.5
7.5
ns
ns
tPZH
tPZL
Output Enable time
OEBR to PARITY
Waveform
NO TAG
Waveform
NO TAG
2.0
4.0
4.0
5.5
7.0
8.0
2.0
3.0
7.5
9.0
ns
ns
tPHZ
tPLZ
Output Disable time
OEBR to PARITY
Waveform
NO TAG
Waveform
NO TAG
2.0
2.0
4.0
4.0
7.0
7.5
2.0
2.0
7.5
8.0
ns
ns
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITIONS
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
An or Bn or PARITY to CPS or CPR
Waveform 5
7.5
4.5
8.5
5.5
ns
th(H)
th(L)
Hold time, High or Low
An or Bn or PARITY to CPS or CPR
Waveform 5
0
0
0
0
ns
ts(H)
ts(L)
Setup time, High or Low
CES to CPS or CER to CPR
Waveform 5
7.0
7.0
7.5
7.5
ns
th(H)
th(L)
Hold time, High or Low
CES to CPS or CER to CPR
Waveform 5
0
0
0
0
ns
tw(H)
tw(L)
CPS or CPR Pulse width,
High or Low
Waveform 1
5.0
6.5
6.5
7.5
ns
tREC
Recovery time OEBR to CPR
or OEAS to CPS
Waveform 6
14.5
16.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com