Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F552 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F552
Description  Octal registered transceiver with parity and flags 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F552 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F552 Datasheet HTML 1Page - NXP Semiconductors 74F552 Datasheet HTML 2Page - NXP Semiconductors 74F552 Datasheet HTML 3Page - NXP Semiconductors 74F552 Datasheet HTML 4Page - NXP Semiconductors 74F552 Datasheet HTML 5Page - NXP Semiconductors 74F552 Datasheet HTML 6Page - NXP Semiconductors 74F552 Datasheet HTML 7Page - NXP Semiconductors 74F552 Datasheet HTML 8Page - NXP Semiconductors 74F552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F552
Octal registered transceiver with parity and flags (3-State)
2
1991 Jan 02
853–1098 01347
FEATURES
• 8-bit bidirectional I/O port with handshake
• Register status flag flip-flops
• Separate clock enable and output enable
• Parity generation and parity check
• B outputs and parity output sink 64mA
DESCRIPTION
The 74F522 Octal Registered Transceiver contains two 8-bit
registers for temporary storage of data flowing in either direction.
Each register has its own clock (CPR, CPS) and Clock Enable
(CER, CES) inputs, as well as a flag flip-flop that is set automatically
as the register is loaded. The flag output will be reset when the
Output Enable returns to High after reading the output port. Each
register has a separate Output Enable (OEAS, OEBR) for its 3-State
buffer. The separate Clocks, Flags and Enables provide
considerable flexibility as I/O ports for demand-response data
transfer. When data is transferred from the A port to the B port, a
parity bit is generated. On the other hand, when data is transferred
from the B port to the A port, the parity of input data on B0–B7 is
checked.
TYPE
TYPICAL fMAX
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F552
85MHz
120mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
28-Pin Plastic DIP
(600mil)
N74F552N
SOT117-2
28-Pin Plastic SOL
N74F552D
SOT136-1
LOGIC SYMBOL
26
27
28
VCC = Pin 8
GND = Pin 22
18
17
16
15
14
13
12
21
20
SF01041
CPS
B0
B1
B4
B5
B6
B7
CES
A0
A1
A4
A5
A6
A7
B2
B3
A3
A2
12
3
4
25
11
6
7
CER
CPR
19
5
OEBR
OEAS
24
9
FR
23
10
FS
PARITY
ERROR
PIN CONFIGURATION
SF01039
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
B4
B5
B6
OEBR
CPR
CER
ERROR
FS
A7
B3
B2
B1
B0
FR
PARITY
GND
CPS
CES
OEAS
A0
A1
A6
13
16 A2
A5
14
15 A3
A4
B7
VCC
LOGIC SYMBOL (IEEE/IEC)
25
26
27
28
1
2
3
4
18
17
16
15
14
13
12
11
1C2
EN1’
EN6
6C4
EN3
EN6
SF01040
1,2,6
3,4,6
20
6
7
5
21
19
5,6
5,6
6
6,7
5
23
9
10
14
XCVR
Z7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com