Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F552 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F552
Description  Octal registered transceiver with parity and flags 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F552 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F552 Datasheet HTML 1Page - NXP Semiconductors 74F552 Datasheet HTML 2Page - NXP Semiconductors 74F552 Datasheet HTML 3Page - NXP Semiconductors 74F552 Datasheet HTML 4Page - NXP Semiconductors 74F552 Datasheet HTML 5Page - NXP Semiconductors 74F552 Datasheet HTML 6Page - NXP Semiconductors 74F552 Datasheet HTML 7Page - NXP Semiconductors 74F552 Datasheet HTML 8Page - NXP Semiconductors 74F552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74F552
Octal registered transceiver with parity and flags (3-State)
1991 Jan 02
3
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0–A7
A Data inputs
3.5/1.0
70
µA/0.6mA
B0–B7
B Data inputs
3.5/1.0
70
µA/0.6mA
CPR
R registers clock input (active rising edge)
1.0/1.0
20
µA/0.6mA
CPS
S registers clock input (active rising edge)
1.0/1.0
20
µA/0.6mA
CER
R registers clock Enable input (active Low)
1.0/1.0
20
µA/0.6mA
CES
S registers clock Enable input (active Low)
1.0/1.0
20
µA/0.6mA
OEBR
A-to-B Output Enable input (active Low)
and clear FS output (active Low)
1.0/2.0
20
µA/1.2mA
OEAS
B-to-A Output Enable input (active Low)
and clear FR output (active Low)
1.0/2.0
20
µA/1.2mA
PARITY
Parity bit transceiver input
3.5/1.0
70
µA/0.6mA
PARITY
Parity bit transceiver output
750/106.7
15mA/64mA
ERROR
Parity check output (active Low)
50/33.3
1.0mA/20mA
A0–A7
A Data outputs
150/40
3.0mA/24mA
B0–B7
B Data outputs
750/106.7
15mA/64mA
FR
A-to-B Status Flag output (active High)
50/33.3
1.0mA/20mA
FS
B-to-A Status Flag output (active High)
50/33.3
1.0mA/20mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.
FUNCTIONAL DESCRIPTION
Data applied to the A inputs are entered and stored on the rising
edge of the CPR clock pulse, provided that the CER is Low;
simultaneously, the status flip-flop is set and the A-to-B flag (FR)
output goes High. As the CER returns to High, the data will be held
in R register. This data entered from the A inputs will appear at the B
port I/O pins after the OEBR has gone Low. When OEBR is Low, a
parity bit appears at the PARITY pin, which will be set High when
there is an even number of 1s or all 0s at the Q outputs of the R
register. After the data is assimilated, the receiving system clears
the flag FR, by changing the signal at the OEBR pin from Low to
High. Data flow from B-to-A proceeds in the same manner described
for A-to-B flow. A Low at the CES pin and a Low-to-High transition at
the CPS pin enters the B input data and the parity input data into the
S register and the parity register respectively and set the flag output
FS to High. A Low signal at the OEAS pin enables the A port I/O
pins and a Low-to-High transition of the OEAS signal clears the FS
flag. When OEAS is Low, the parity check output ERROR will be
High if there is an odd number of 1s at the Q outputs of the S
register and the parity register.
R or S REGISTER FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
An or Bn
CPX
CEX
INTERNAL Q
MODE
X
X
H
NC
Hold data
L
H
↑
↑
L
L
L
H
Load data
X
↑
L
NC
Keep old data
H = High voltage level
L = Low voltage level
NC= No change
X = Don’t care
X = R or S for CPX and CEX
↑ = Low-to-High transition
↑ = Not Low-to-High transition
OUTPUT CONTROL TABLE
INPUT
OUTPUTS
OPERATING
OEXX
INTERNAL Q
An or Bn
MODE
H
X
Z
Disable outputs
L
L
L
H
L
H
Enable outpus
H = High voltage level
L = Low voltage level
X = Don’t care
XX= AS or BR
Z = High impedance “off” state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com