Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F552 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74F552
Description  Octal registered transceiver with parity and flags 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F552 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74F552 Datasheet HTML 5Page - NXP Semiconductors 74F552 Datasheet HTML 6Page - NXP Semiconductors 74F552 Datasheet HTML 7Page - NXP Semiconductors 74F552 Datasheet HTML 8Page - NXP Semiconductors 74F552 Datasheet HTML 9Page - NXP Semiconductors 74F552 Datasheet HTML 10Page - NXP Semiconductors 74F552 Datasheet HTML 11Page - NXP Semiconductors 74F552 Datasheet HTML 12Page - NXP Semiconductors 74F552 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74F552
Octal registered transceiver with parity and flags (3-State)
1991 Jan 02
9
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted ot change for predictable output.
VM
VM
CPS,
CPR
An, Bn
FS, FR
VM
tPLH
SF01043
VM
tPHL
tW(L)
tW(H)
1/fMAX
Waveform 1. Propagation Delay, Clock Input to Output and
Maximum Clock Frequency
VM
OEAS, OEBR
FS, FR
SF01044
tPHL
VM
Waveform 2. Propagation Delay, Output Enable to Flag Output
VM
VM
VM
VM
tPLH
tPHL
OEAS
SF01045
ERROR
Waveform 3. Propagation Delay, Output Enable to ERROR
tPLH
tPHL
VM
VM
CPS,
CPR
PARITY
VM
SF01046
VM
VM
VM
ERROR
tPHL
tPLH
Waveform 4. Propagation Delay, Clock to PARITY and ERROR
SF01047
VM
VM
VM
VM
VM
VM
ts(L)
ts(H)
th(L)
th(H)
An, Bn
CES, CER
PARITY
CPS, CPR
Waveform 5. Data Setup and Hold Times
VM
OEAS, OEBR
CPS,
CPR
SF01048
tREC
VM
Waveform 6. Recovery Time from Output Enable to Clock
VM
VM
VM
tPHZ
tPZH
OEAS, OEBR
An, Bn
PARITY
VOH -0.3V
0V
SF01049
Waveform 7. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
OEAS, OEBR
An, Bn
PARITY
VOL +0.3V
SF01050
Waveform 8. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com