Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3NK80Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # F3NK80Z
Description  N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F3NK80Z Datasheet(HTML) 5 Page - STMicroelectronics

  F3NK80Z Datasheet HTML 1Page - STMicroelectronics F3NK80Z Datasheet HTML 2Page - STMicroelectronics F3NK80Z Datasheet HTML 3Page - STMicroelectronics F3NK80Z Datasheet HTML 4Page - STMicroelectronics F3NK80Z Datasheet HTML 5Page - STMicroelectronics F3NK80Z Datasheet HTML 6Page - STMicroelectronics F3NK80Z Datasheet HTML 7Page - STMicroelectronics F3NK80Z Datasheet HTML 8Page - STMicroelectronics F3NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
STD3NK80Z-1, STD3NK80ZT4, STF3NK80Z,
STP3NK80Z
Electrical characteristics
DocID9565 Rev 7
5/29
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
2.5
A
ISDM(1)
Source-drain current
(pulsed)
-
10
A
VSD(2)
Forward on voltage
ISD = 2.5 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery time
ISD = 2.5 A, di/dt = 100 A/µs
VDD = 50 V
(see Figure 18: "Test circuit
for inductive load switching
and diode recovery times")
-
384
ns
Qrr
Reverse recovery charge
-
1.6
μC
IRRM
Reverse recovery current
-
8.4
A
trr
Reverse recovery time
ISD = 2.5 A, di/dt = 100 A/µs,
VDD = 50 V , TJ = 150 °C
(see Figure 18: "Test circuit
for inductive load switching
and diode recovery times")
-
474
ns
Qrr
Reverse recovery charge
-
2.1
μC
IRRM
Reverse recovery current
-
8.8
A
Notes:
(1)Pulsed: pulse duration = 300 μs, duty cycle 1.5%.
(2)Pulse width is limited by safe operating area.
Table 9: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS = ±1 mA (open drain)
30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection, thus eliminating the need for additional external componentry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com