Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3NK80Z Datasheet(PDF) 12 Page - STMicroelectronics

Part # F3NK80Z
Description  N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F3NK80Z Datasheet(HTML) 12 Page - STMicroelectronics

Back Button F3NK80Z Datasheet HTML 8Page - STMicroelectronics F3NK80Z Datasheet HTML 9Page - STMicroelectronics F3NK80Z Datasheet HTML 10Page - STMicroelectronics F3NK80Z Datasheet HTML 11Page - STMicroelectronics F3NK80Z Datasheet HTML 12Page - STMicroelectronics F3NK80Z Datasheet HTML 13Page - STMicroelectronics F3NK80Z Datasheet HTML 14Page - STMicroelectronics F3NK80Z Datasheet HTML 15Page - STMicroelectronics F3NK80Z Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Package information
STD3NK80Z-1, STD3NK80ZT4, STF3NK80Z,
STP3NK80Z
12/29
DocID9565 Rev 7
4.2
DPAK package information
4.2.1
DPAK (TO-252) type A package information
Figure 23: DPAK (TO-252) type A package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com