Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3NK80Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # F3NK80Z
Description  N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F3NK80Z Datasheet(HTML) 4 Page - STMicroelectronics

  F3NK80Z Datasheet HTML 1Page - STMicroelectronics F3NK80Z Datasheet HTML 2Page - STMicroelectronics F3NK80Z Datasheet HTML 3Page - STMicroelectronics F3NK80Z Datasheet HTML 4Page - STMicroelectronics F3NK80Z Datasheet HTML 5Page - STMicroelectronics F3NK80Z Datasheet HTML 6Page - STMicroelectronics F3NK80Z Datasheet HTML 7Page - STMicroelectronics F3NK80Z Datasheet HTML 8Page - STMicroelectronics F3NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Electrical characteristics
STD3NK80Z-1, STD3NK80ZT4, STF3NK80Z,
STP3NK80Z
4/29
DocID9565 Rev 7
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
800
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 800 V
1
µA
VGS = 0 V, VDS = 800 V,
TC = 125 °C(1)
50
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source
on- resistance
VGS = 10 V, ID = 1.25 A
3.8
4.5
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0 V, VDS = 25 V,
f = 1 MHz
-
485
-
pF
Coss
Output capacitance
-
57
-
pF
Crss
Reverse transfer capacitance
-
11
-
pF
Coss eq(1)
Equivalent output capacitance
VGS = 0 V, VDS = 0 to 640 V
-
22
-
pF
Qg
Total gate charge
VDD = 640 V, ID = 2.5 A,
VGS = 0 to 10 V
(see Figure 17: "Test circuit
for gate charge behavior")
-
19
-
nC
Qgs
Gate-source charge
-
3.2
-
nC
Qgd
Gate-drain charge
-
10.8
-
nC
Notes:
(1)Coss eq is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80%
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 1.25 A, RG = 4.7
Ω, VGS =10 V
(see Figure 16: "Test circuit for
resistive load switching times" and
Figure 21: "Switching time
waveform")
-
17
-
ns
tr
Rise time
-
27
-
ns
td(off)
Turn-off delay time
-
36
-
ns
tf
Fall time
-
40
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com