Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # F3NK80Z
Description  N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F3NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  F3NK80Z Datasheet HTML 1Page - STMicroelectronics F3NK80Z Datasheet HTML 2Page - STMicroelectronics F3NK80Z Datasheet HTML 3Page - STMicroelectronics F3NK80Z Datasheet HTML 4Page - STMicroelectronics F3NK80Z Datasheet HTML 5Page - STMicroelectronics F3NK80Z Datasheet HTML 6Page - STMicroelectronics F3NK80Z Datasheet HTML 7Page - STMicroelectronics F3NK80Z Datasheet HTML 8Page - STMicroelectronics F3NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
April 2017
DocID9565 Rev 7
1/29
This is information on a product in full production.
www.st.com
STD3NK80Z-1, STD3NK80ZT4,
STF3NK80Z, STP3NK80Z
N-
channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™
Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STD3NK80Z-1
800 V
4.5 Ω
2.5 A
STD3NK80ZT4
800 V
4.5 Ω
2.5 A
STF3NK80Z
800 V
4.5 Ω
2.5 A
STP3NK80Z
800 V
4.5 Ω
2.5 A
Extremely high dv/dt capability
100% avalanche tested
Gate charge minimized
Zener-protected
Applications
Switching applications
Description
These high voltage devices are Zener-protected
N-channel Power MOSFETs developed using the
SuperMESH™ technology by
STMicroelectronics, an optimization of the
well-e
stablished PowerMESH™. In addition to a
significant reduction in on-resistance, these
devices are designed to ensure a high level of
dv/dt capability for the most demanding
applications. Such series complements ST's full
range of high voltage MOSFETs including the
revolutionary MDmesh™ products.
Table 1: Device summary
Order code
Marking
Package
Packaging
STD3NK80Z-1
D3NK80Z
IPAK
Tube
STD3NK80ZT4
D3NK80Z
DPAK
Tape and reel
STF3NK80Z
F3NK80Z
TO-220FP
Tube
STP3NK80Z
P3NK80Z
TO-220
Tube


Similar Part No. - F3NK80Z

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
F3N10HU GWSEMI-F3N10HU Datasheet
311Kb / 4P
N-Channel Enhancement MOSFET
logo
Edal Industries, Inc.
F3N3 EDAL-F3N3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
More results

Similar Description - F3NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
N-channel 800 V, 3.8 Ω, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
07-Sep-2009
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 3.5 Ω typ., 2 A Zener-protected SuperMESH™ 5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD3N80K5 STMICROELECTRONICS-STD3N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.8 Ω typ., 2.5 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
17-Jan-2014
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
04-Feb-2015
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com