Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0552 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0552 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0552 Datasheet HTML 9Page - Renesas Technology Corp F0552 Datasheet HTML 10Page - Renesas Technology Corp F0552 Datasheet HTML 11Page - Renesas Technology Corp F0552 Datasheet HTML 12Page - Renesas Technology Corp F0552 Datasheet HTML 13Page - Renesas Technology Corp F0552 Datasheet HTML 14Page - Renesas Technology Corp F0552 Datasheet HTML 15Page - Renesas Technology Corp F0552 Datasheet HTML 16Page - Renesas Technology Corp F0552 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Sampling IF Receiver 1710MHz to
2050MHz
F0552
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
13
February 9, 2022
TOCS [MAX GAIN, STD MODE, IF = 184M] OIP2 (-3-)
Output IP2 vs. TCASE [low side inj.]
Output IP2 vs. VCC [low side inj.]
Output IP2 vs. LO level [low side inj.]
Output IP2 vs. TCASE [high side inj.]
Output IP2 vs. VCC [high side inj.]
Output IP2 vs. LO level [high side inj.]
50
55
60
65
70
75
80
85
90
95
100
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
-40degC - 5.00V - 0dBm - ChA
-40degC - 5.00V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
105degC - 5.00V - 0dBm - ChA
105degC - 5.00V - 0dBm - ChB
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.25V - 0dBm - ChA
25degC - 5.25V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 4.75V - 0dBm - ChA
25degC - 4.75V - 0dBm - ChB
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.00V - 3dBm - ChA
25degC - 5.00V - 3dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 5.00V - -3dBm - ChA
25degC - 5.00V - -3dBm - ChB
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
-40degC - 5.00V - 0dBm - ChA
-40degC - 5.00V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
105degC - 5.00V - 0dBm - ChA
105degC - 5.00V - 0dBm - ChB
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.25V - 0dBm - ChA
25degC - 5.25V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 4.75V - 0dBm - ChA
25degC - 4.75V - 0dBm - ChB
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.00V - 3dBm - ChA
25degC - 5.00V - 3dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 5.00V - -3dBm - ChA
25degC - 5.00V - -3dBm - ChB
RF Freq / IF Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com