Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0552 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0552 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F0552 Datasheet HTML 20Page - Renesas Technology Corp F0552 Datasheet HTML 21Page - Renesas Technology Corp F0552 Datasheet HTML 22Page - Renesas Technology Corp F0552 Datasheet HTML 23Page - Renesas Technology Corp F0552 Datasheet HTML 24Page - Renesas Technology Corp F0552 Datasheet HTML 25Page - Renesas Technology Corp F0552 Datasheet HTML 26Page - Renesas Technology Corp F0552 Datasheet HTML 27Page - Renesas Technology Corp F0552 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Sampling IF Receiver 1710MHz to
2050MHz
F0552
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
24
February 9, 2022
TYPICAL OPERATING CONDITIONS (STD MODE, 138MHZ IF)
Unless otherwise noted, the following conditions apply to the 138MHz Typ Ops Graphs:
•
BOM2 Applications circuit with 138MHz IF Center +/- 40 MHz bandwidth network to provide matching to 100
ohm differential load provided by 2:1 transformer (see page 51)
•
Pout ~ +1dBm
•
PIN from -27 to -6 dBm (Gain Setting Adjusted to yield Pout ~ +1 dBm without exceeding -6dBm PIN)
•
Tone Spacing = 800kHz
•
Device configured in Standard Mode with Low Side Injection
•
TCASE = 25°C, VCC = 5.00V, LO Power = 0dBm
•
RF Frequency: 1.88GHz
•
IF Frequency: 138MHz
•
Transformer Losses are de-embedded
• Input RF trace Losses are not de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com