Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0552 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0552 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0552 Datasheet HTML 17Page - Renesas Technology Corp F0552 Datasheet HTML 18Page - Renesas Technology Corp F0552 Datasheet HTML 19Page - Renesas Technology Corp F0552 Datasheet HTML 20Page - Renesas Technology Corp F0552 Datasheet HTML 21Page - Renesas Technology Corp F0552 Datasheet HTML 22Page - Renesas Technology Corp F0552 Datasheet HTML 23Page - Renesas Technology Corp F0552 Datasheet HTML 24Page - Renesas Technology Corp F0552 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Sampling IF Receiver 1710MHz to
2050MHz
F0552
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
21
February 9, 2022
TOCS SPURS [STD MODE, IF MATCH 184M, LO = 1.563 GHZ, GAIN = 0 DB, TA = 25C] (-11-)
Close-In Spurs [ChA, PRF = -5 dBm]
Close-In Spurs [ChA, PRF = 0 dBm]
Other Spurs [ChA, PRF = -5 dBm]
Close-In Spurs [ChB, PRF = -5 dBm]
Close-In Spurs [ChB, PRF = 0 dBm]
Other Spurs [ChB, PRF = -5 dBm]
7-9 -1 8
9
-2
-3 -4 -5-6-7
-8
-9
9876 5 4
3
2
-8 1 -7
8 -6
7
-5
-68 1 -7
-8
2
3
4 5 6789
-9
-8
-7-6-5 -4 -3
-2
9 -1 8
-9 7
-8
6
-1000.0
1000.0
3000.0
5000.0
7000.0
9000.0
11000.0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
Frequency (MHz)
Spur (dBc)
M x RF
N x LO
Fundamental
Image
7-9 -1 8
9
-2
-3 -4 -5-6-7
-8
-9
9876 5 4
3
2
-8 1 -7
8 -6
7
-5
-68 1 -7
-8
2
3
4 5 6789
-9
-8
-7-6-5 -4 -3
-2
9 -1 8
-9 7
-8
6
-1000.0
1000.0
3000.0
5000.0
7000.0
9000.0
11000.0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
Frequency (MHz)
Spur (dBc)
M x RF
N x LO
Fundamental
Image
6
-4
5
-74 -37-6
6 3
-5
5 -2
-4-6
6 4
2 -5
5
-3
3 -4
-5
4
5
-1
-2 -3-4
-7
5
-6
9-5 4-98
-8 -4
7
-7 3
6 9
-9-6
-3 8
-8
5
-5 7
9
-7
-9
2
4 6 8
-1000.0
1000.0
3000.0
5000.0
7000.0
9000.0
11000.0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1850 1950 2050 2150 2250 2350 2450 2550 2650 2750 2850 2950 3050 3150
Frequency (MHz)
Spur (dBc)
M x RF
N x LO
7-9 -1 8
9
-2
-3 -4 -5-6-7
-8
-9
9876 5 4
3
2
-8 1 -7
8 -6
7
-5
-68 1 -7
-8
2
3
4 5 6789
-9
-8
-7-6-5 -4 -3
-2
9 -1 8
-9 7
-8
6
-1000.0
1000.0
3000.0
5000.0
7000.0
9000.0
11000.0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
Frequency (MHz)
Spur (dBc)
M x RF
N x LO
Fundamental
Image
7-9 -1 8
9
-2
-3 -4 -5-6-7
-8
-9
9876 5 4
3
2
-8 1 -7
8 -6
7
-5
-68 1 -7
-8
2
3
4 5 6789
-9
-8
-7-6-5 -4 -3
-2
9 -1 8
-9 7
-8
6
-1000.0
1000.0
3000.0
5000.0
7000.0
9000.0
11000.0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
Frequency (MHz)
Spur (dBc)
M x RF
N x LO
Fundamental
Image
6
-4
5
-74 -37-6
6 3
-5
5 -2
-4-6
6 4
2 -5
5
-3
3 -4
-5
4
5
-1
-2 -3-4
-7
5
-6
9-5 4-98
-8 -4
7
-7 3
6 9
-9-6
-3 8
-8
5
-5 7
9
-7
-9
2
4 6 8
-1000.0
1000.0
3000.0
5000.0
7000.0
9000.0
11000.0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1850 1950 2050 2150 2250 2350 2450 2550 2650 2750 2850 2950 3050 3150
Frequency (MHz)
Spur (dBc)
M x RF
N x LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com