Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT100. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCLT100.
Description  Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT100. Datasheet(HTML) 4 Page - Vishay Siliconix

  TCLT100. Datasheet HTML 1Page - Vishay Siliconix TCLT100. Datasheet HTML 2Page - Vishay Siliconix TCLT100. Datasheet HTML 3Page - Vishay Siliconix TCLT100. Datasheet HTML 4Page - Vishay Siliconix TCLT100. Datasheet HTML 5Page - Vishay Siliconix TCLT100. Datasheet HTML 6Page - Vishay Siliconix TCLT100. Datasheet HTML 7Page - Vishay Siliconix TCLT100. Datasheet HTML 8Page - Vishay Siliconix TCLT100. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TCLT100. Series
www.vishay.com
Vishay Semiconductors
Rev. 2.9, 01-Dec-15
4
Document Number: 83515
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Test Circuit, Non-Saturated Operation
Fig. 4 - Test Circuit, Saturated Operation
Fig. 5 - Switching Times
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100
Ω,
(see figure 3)
td
-3
-
μs
Rise time
VS = 5 V, IC = 2 mA, RL = 100
Ω,
(see figure 3)
tr
-3
-
μs
Fall time
VS = 5 V, IC = 2 mA, RL = 100
Ω,
(see figure 3)
tf
-4.7
-
μs
Storage time
VS = 5 V, IC = 2 mA, RL = 100
Ω,
(see figure 3)
ts
-0.3
-
μs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100
Ω,
(see figure 3)
ton
-6
-
μs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100
Ω,
(see figure 3)
toff
-5
-
μs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω,
(see figure 4)
ton
-9
-
μs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω,
(see figure 4)
toff
-10
-
μs
Channel I
Channel II
95 10804
R G = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
Ω
100
Ω
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
R L = 1 MΩ
C L = 20 pF
Channel I
Channel II
95 10843
RG = 50 Ω
t p
t p = 50 µs
T
= 0.01
+ 5 V
IC
IF
0
50
Ω
1 k
Ω
IF = 10 mA
Oscilloscope
RL
≥
CL
20 pF
1 M
Ω
≤
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com