Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT100. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCLT100.
Description  Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT100. Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT100. Datasheet HTML 1Page - Vishay Siliconix TCLT100. Datasheet HTML 2Page - Vishay Siliconix TCLT100. Datasheet HTML 3Page - Vishay Siliconix TCLT100. Datasheet HTML 4Page - Vishay Siliconix TCLT100. Datasheet HTML 5Page - Vishay Siliconix TCLT100. Datasheet HTML 6Page - Vishay Siliconix TCLT100. Datasheet HTML 7Page - Vishay Siliconix TCLT100. Datasheet HTML 8Page - Vishay Siliconix TCLT100. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCLT100. Series
www.vishay.com
Vishay Semiconductors
Rev. 2.9, 01-Dec-15
1
Document Number: 83515
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output,
SOP-4L, Long Mini-Flat Package
DESCRIPTION
The TCLT100. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
4-lead SOP4L package.
APPLICATIONS
• Switchmode power supplies
• Computer peripheral interface
• Microprocessor system interface
FEATURES
• SMD low profile 4 lead package
•VIORM = 1050 V
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• DC input with transistor output
• Creepage distance > 8 mm
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E76222
• CSA (cUL) 22.2 bulletin 5A recognized file no. E-76222
• BSI: BS EN 41003, BS EN 60065 (BS 415), BS EN 60950
(BS 7002), certificate number 7081 and 7402
• DIN EN 60747-5-5 (VDE 0884)
• FIMKO: EN 60950
•CQC
Note
• See the safety standard approval list “Agency Table” for more
detailed information.
Note
• Available only on tape and reel.
C
E
AC
1
2
3
4
17295-5
ORDERING INFORMATION
T
C
L
T
1
00#
PART NUMBER
AGENCY
CERTIFIED/PACKAGE
CTR (%)
5 mA
10 mA
5 mA
UL, cUL, VDE, BSI, FIMKO 50 to 600 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400
SOP-4L
TCLT1000 TCLT1002 TCLT1003 TCLT1004 TCLT1005 TCLT1006 TCLT1007 TCLT1008 TCLT1009
10.2 mm
SOP-4L


Similar Part No. - TCLT100.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT100. VISHAY-TCLT100. Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Dec-15
More results

Similar Description - TCLT100.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
03-Dec-04
TCLD1000 VISHAY-TCLD1000_08 Datasheet
139Kb / 7P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
09-Jan-08
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
29-Apr-11
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLT100 VISHAY-TCLT100_V01 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Dec-15
TCLD1000 VISHAY-TCLD1000_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
21-Mar-14
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLD1000 VISHAY-TCLD1000_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
21-Mar-14
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com