Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT100. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCLT100.
Description  Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT100. Datasheet(HTML) 6 Page - Vishay Siliconix

  TCLT100. Datasheet HTML 1Page - Vishay Siliconix TCLT100. Datasheet HTML 2Page - Vishay Siliconix TCLT100. Datasheet HTML 3Page - Vishay Siliconix TCLT100. Datasheet HTML 4Page - Vishay Siliconix TCLT100. Datasheet HTML 5Page - Vishay Siliconix TCLT100. Datasheet HTML 6Page - Vishay Siliconix TCLT100. Datasheet HTML 7Page - Vishay Siliconix TCLT100. Datasheet HTML 8Page - Vishay Siliconix TCLT100. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TCLT100. Series
www.vishay.com
Vishay Semiconductors
Rev. 2.9, 01-Dec-15
6
Document Number: 83515
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Collector Dark Current vs. Ambient Temperature
Fig. 13 - Collector Current vs. Forward Current
Fig. 14 - Collector Current vs. Collector Emitter Voltage
Fig. 15 - Collector Emitter Saturation Voltage vs. Collector Current
Fig. 16 - Current Transfer Ratio vs. Forward Current
Fig. 17 - Turn-on/off Time vs. Collector Current
0.001
0.01
0.1
1
10
100
1000
10 000
T
amb - Ambient Temperature (°C)
I
F = 0 mA
V
CE = 40 V
V
CE = 24 V
V
CE = 12 V
-60 -40 -20
0
20
40
60
80 100 120
0.1
1
10
0.01
0.1
1
100
I
F - Forward Current (mA)
100
95 11027
10
V
CE = 5 V
0.1
1
10
0.1
1
10
100
V
CE - Collector Emitter Voltage (V)
100
95 10985
I
F = 50 mA
5 mA
2 mA
1 mA
20 mA
10 mA
110
0
0.2
0.4
0.6
0.8
1.0
I
C - Collector Current (mA)
100
CTR = 50 %
used
20 % used
95 11028
10 % used
0.1
1
10
1
10
100
1000
I
F - Forward Current (mA)
100
95 11029
V
CE = 5 V
04
0
2
4
6
8
10
I
C - Collector Current (mA)
8
95 11030
Non-saturated
operation
V
S = 5 V
R
L = 100 Ω
t
off
t
on
6
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com