Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT100. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCLT100.
Description  Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT100. Datasheet(HTML) 3 Page - Vishay Siliconix

  TCLT100. Datasheet HTML 1Page - Vishay Siliconix TCLT100. Datasheet HTML 2Page - Vishay Siliconix TCLT100. Datasheet HTML 3Page - Vishay Siliconix TCLT100. Datasheet HTML 4Page - Vishay Siliconix TCLT100. Datasheet HTML 5Page - Vishay Siliconix TCLT100. Datasheet HTML 6Page - Vishay Siliconix TCLT100. Datasheet HTML 7Page - Vishay Siliconix TCLT100. Datasheet HTML 8Page - Vishay Siliconix TCLT100. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCLT100. Series
www.vishay.com
Vishay Semiconductors
Rev. 2.9, 01-Dec-15
3
Document Number: 83515
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• According to DIN EN 60747-5-2 (VDE 0884) (see figure 2). This optocoupler is suitable for safe electrical isolation only within the safety
ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test according to
DIN EN 60747-5-2 (VDE 0884); IEC60747-5-5
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
TCLT1000
CTR
50
-
600
%
VCE = 5 V, IF = 10 mA
TCLT1002
CTR
63
-
125
%
TCLT1003
CTR
100
-
200
%
TCLT1004
CTR
160
-
320
%
VCE = 5 V, IF = 1 mA
TCLT1002
CTR
22
45
-
%
TCLT1003
CTR
34
70
-
%
TCLT1004
CTR
56
100
-
%
VCE = 5 V, IF = 5 mA
TCLT1005
CTR
50
-
150
%
TCLT1006
CTR
100
-
300
%
TCLT1007
CTR
80
-
160
%
TCLT1008
CTR
130
-
260
%
TCLT1009
CTR
200
-
400
%
SAFETY AND INSULATION RATINGS
PARAMETER
CONDITION
SYMBOL
VALUE
UNIT
Partial discharge test voltage - routine test
100 %, ttest = 1 s
Vpd
2kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kVpeak
Vpd
1.68
kVpeak
Isolation test voltage (RMS)
VISO
5000
VRMS
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω
Forward current
Isi
130
mA
Power dissipation
Pso
265
mW
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
Comparative tracking index
CTI
175
Clearance distance
8.0
mm
Creepage distance
8.0
mm
Insulation distance (internal)
0.40
mm
0
25
50
75
125
0
50
100
150
200
300
Tsi - Safety Temperature (°C)
150
94 9182-2
100
250
IR-diode
Isi (mA)
Phototransistor
P
so (mW)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com