Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801-M/MSG Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9801-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801-M/MSG Datasheet(HTML) 3 Page - Microchip Technology

  MCP9801-M/MSG Datasheet HTML 1Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 2Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 3Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 4Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 5Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 6Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 7Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 8Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 3
MCP9800/1/2/3
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.0V
Voltage at all Input/Output pins .....GND – 0.3V to 5.5V
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -55°C to +125°C
Junction Temperature (TJ) ................................. 150°C
ESD protection on all pins (HBM:MM) .......(4 kV:400V)
Latch-Up Current at each pin........................ ±200 mA
†Notice:
Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, and
TA = -55°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
2.7
—
5.5
V
Operating Current
IDD
—
200
400
µA
Continuous Operation
Shutdown Current
ISHDN
—
0.1
1
µA
Shutdown mode
Power-on-Reset Threshold (POR)
VPOR
—1.7
—
V
VDD falling edge
Line Regulation
Δ°C/ΔV—
0.2
—
°C/V
VDD = 2.7V to 5.5V
Temperature Sensor Accuracy
Accuracy with 12-bit Resolution:
TA = +25°C
TACY
—±0.5
—
°C
VDD = 3.3V
-10°C < TA  +85°C
TACY
-1.0
—
+1.0
°C
VDD = 3.3V
-10°C < TA  +125°C
TACY
-2.0
—
+2.0
°C
VDD = 3.3V
-55°C < TA  +125°C
TACY
-3.0
—
+3.0
°C
VDD = 3.3V
Internal
 ADC
Conversion Time:
9-bit Resolution
tCONV
—
30
75
ms
33 samples/sec (typical)
10-bit Resolution
tCONV
—
60
150
ms
17 samples/sec (typical)
11-bit Resolution
tCONV
—
120
300
ms
8 samples/sec (typical)
12-bit Resolution
tCONV
—
240
600
ms
4 samples/sec (typical)
Alert Output (Open-drain)
High-level Current
IOH
——
1
µA
VOH = 5V
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA
Thermal Response
Response Time
tRES
—
1.4
—
s
Time to 63% (89°C)
27°C (Air) to 125°C (oil bath)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com