Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801-M/MSG Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP9801-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801-M/MSG Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP9801-M/MSG Datasheet HTML 4Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 5Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 6Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 7Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 8Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 9Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 10Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 11Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP9800/1/2/3
DS21909C-page 8
 2010 Microchip Technology Inc.
Note:
Unless otherwise noted: VDD = 2.7V to 5.5V.
FIGURE 2-7:
ALERT and SDA IOL vs.
Ambient Temperature.
FIGURE 2-8:
ALERT and SDA Output
VOL vs. Ambient Temperature.
FIGURE 2-9:
MCP980X Thermal
Response vs Time.
6
12
18
24
30
36
42
48
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C)
VDD = 5.5V
VDD = 3.3V
VDD = 2.7V
VOL = 0.6V
0
0.1
0.2
0.3
0.4
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
VDD = 5.5V
VDD = 3.3V
VDD = 2.7V
IOL = 3mA
5
25
45
65
85
105
125
145
-2
0
2468
10
12
14
16
18
20
Time (s)
SOIC
Average of 10 samples per package
27°C (Air) to 125°C (Oil bath)
MSOP
SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com